Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62691 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS62691
Description  500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62691 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS62691 Datasheet HTML 1Page - Texas Instruments TPS62691 Datasheet HTML 2Page - Texas Instruments TPS62691 Datasheet HTML 3Page - Texas Instruments TPS62691 Datasheet HTML 4Page - Texas Instruments TPS62691 Datasheet HTML 5Page - Texas Instruments TPS62691 Datasheet HTML 6Page - Texas Instruments TPS62691 Datasheet HTML 7Page - Texas Instruments TPS62691 Datasheet HTML 8Page - Texas Instruments TPS62691 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
CSP-6
VIN
SW
FB
MODE
EN
GND
VOUT
2.85 V @ 500mA
C
4.7 F
I
m
TPS62690
L
1.0 H
m
C
4.7 F
O
m
VIN
3.15 V .. 4.8 V
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
0
15
30
45
60
75
90
105
120
135
150
I
- Load Current - mA
O
V = 3.6 V,
V
= 2.85 V
I
O
Efficiency
PFM/PWM Operation
Power Loss
PFM/PWM Operation
TPS62690
TPS62691
TPS62697
www.ti.com
SLVS965B
– MARCH 2011 – REVISED JANUARY 2012
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
CONVERTER IN CHIP SCALE PACKAGING
Check for Samples: TPS62690, TPS62691, TPS62697
1
FEATURES
APPLICATIONS
2
95% Efficiency at 4MHz Operation
LDO Replacement
19
μA Quiescent Current
Cell Phones, Smart-Phones
4MHz Regulated Frequency Operation
Portable Audio, Portable Media
High Duty-Cycle Operation
DC/DC Micro Modules
±2% Total DC Voltage Accuracy
DESCRIPTION
Best in Class Load and Line Transient
The
TPS6269x
device
is
a
high-frequency
Excellent AC Load Regulation
synchronous step-down dc-dc converter optimized for
Low Ripple Light-Load PFM Mode
battery-powered portable applications. Intended for
low-power applications, the TPS6269x supports up to
≥40dB VIN PSRR (1kHz to 10kHz)
600-mA load current, and allows the use of low cost
Internal Soft Start, 250-
μs Start-Up Time
chip inductor and capacitors.
Integrated Active Power-Down Sequencing
The device is ideal for mobile phones and similar
(Optional)
portable applications powered by a single-cell Li-Ion
Current Overload and Thermal Shutdown
battery. Different fixed voltage output versions are
Protection
available from 2.2V to 2.9V.
Three Surface-Mount External Components
The TPS6269x operates at a regulated 4-MHz
Required (One 2012 MLCC Inductor, Two 0402
switching frequency and enters the power-save mode
Ceramic Capacitors)
operation at light load currents to maintain high
Complete Sub 1-mm Component Profile
efficiency over the entire load current range.
Solution
The PFM mode extends the battery life by reducing
Total Solution Size
<12 mm2
the quiescent current to 19
μA (typ) during light load
operation. For noise-sensitive applications, the device
Available in a 6-Pin NanoFree
™ (CSP)
can be forced into fixed frequency PWM mode by
pulling the MODE pin high. This feature, combined
with high PSRR and AC load regulation performance,
make this device suitable to replace a linear regulator
to obtain better power conversion efficiency.
Figure 2. Smallest Solution Size Application
Figure 1. Efficiency vs. Load Current
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS62691

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690YFFR TI1-TPS62690YFFR Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690YFFT TI1-TPS62690YFFT Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Description similaire - TPS62691

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
   50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
   50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com