Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54615-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS54615-Q1
Description  3-V TO 6-V INPUT,6-A OUTPUT SYNCHRONOUS BUCK PWM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54615-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS54615-Q1 Datasheet HTML 4Page - Texas Instruments TPS54615-Q1 Datasheet HTML 5Page - Texas Instruments TPS54615-Q1 Datasheet HTML 6Page - Texas Instruments TPS54615-Q1 Datasheet HTML 7Page - Texas Instruments TPS54615-Q1 Datasheet HTML 8Page - Texas Instruments TPS54615-Q1 Datasheet HTML 9Page - Texas Instruments TPS54615-Q1 Datasheet HTML 10Page - Texas Instruments TPS54615-Q1 Datasheet HTML 11Page - Texas Instruments TPS54615-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TPS54611Q1,TPS54612Q1
TPS54613Q1,TPS54614Q1
TPS54615Q1,TPS54616Q1
SGLS266G − OCTOBER 2004 − REVISED JUNE 2008
www.ti.com
8
INTERNAL BLOCK DIAGRAM
VI
Falling
Edge
Deglitch
Enable
Comparator
1.8 V
VIN
2.94 V
Hysteresis: 0.03
V
2.5
µs
Falling
and
Rising
Edge
Deglitch
2.5
µs
VIN UVLO
Comparator
Hysteresis: 0.16
V
Internal/External
Slow-Start
(Internal Slow-Start Time
=
3.3 ms to 6.6 ms)
VI
Feed-Forward
Compensation
+
Error
Amplifier
Thermal
Shutdown
145
°C
SHUTDOWN
SS_DIS
PWM
Comparator
OSC
Leading
Edge
Blanking
100 ns
RQ
S
Adaptive Dead-Time
and
Control Logic
SHUTDOWN
Sensefet
30 m
VIN
REG
VBIAS
VIN
BOOT
VIN
PH
LOUT
CO
PGND
PWRGD
Falling
Edge
Deglitch
35
µs
VSENSE
SHUTDOWN
0.90 Vref
Hysteresis: 0.03 Vref
Power good
Comparator
AGND
VBIAS
ILIM
Comparator
VIN
VO
FSEL
RT
VSENSE
SS/ENA
TPS5461x
30 m
5
µA
Reference/
DAC
2 k
40 k
25 ns Adaptive
Deadtime


Numéro de pièce similaire - TPS54615-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54615-Q1 TI-TPS54615-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
More results

Description similaire - TPS54615-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54110 TI-TPS54110 Datasheet
331Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS BUCK PWM
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54373PWPRG4 TI1-TPS54373PWPRG4 Datasheet
724Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com