Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61300 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61300
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61300 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS61300 Datasheet HTML 1Page - Texas Instruments TPS61300 Datasheet HTML 2Page - Texas Instruments TPS61300 Datasheet HTML 3Page - Texas Instruments TPS61300 Datasheet HTML 4Page - Texas Instruments TPS61300 Datasheet HTML 5Page - Texas Instruments TPS61300 Datasheet HTML 6Page - Texas Instruments TPS61300 Datasheet HTML 7Page - Texas Instruments TPS61300 Datasheet HTML 8Page - Texas Instruments TPS61300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
TPS61300
TPS61301
TPS61305, TPS61305A
www.ti.com
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
ELECTRICAL CHARACTERISTICS
Unless otherwise noted the specification applies for VIN = 3.6V over an operating junction temp. –40°C ≤ TJ ≤ 125°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STORAGE CAPACITOR ACTIVE CELL BALANCING
Active cell balancing circuitry
HC_SEL = 1, storage capacitor balanced
1.7
6.0
μA
quiescent current into VOUT
–40°C
≤ TJ ≤ +85°C
(VOUT – BAL) vs. BAL voltage difference
Active cell balancing accuracy
Storage capacitor balanced HC_SEL = 1
–100
100
mV
VOUT = 5.7V
BAL output drive capability
VOUT = 4.95V, Sink and source current
±10
±15
mA
HC_SEL = 0, device in shutdown mode
Active discharge resistor
0.85
1.5
k
VOUT to BAL and BAL to GND
LED TEMPERATURE MONITORING (TPS61305, TPS61035A)
IO(TS)
Temperature Sense Current Source
Thermistor bias current
23.8
μA
TS Resistance (Warning Temperature) LEDWARN bit = 1, TJ≥ 25°C
39
44.5
50
k
TS Resistance (Hot Temperature)
LEDHOT bit = 1, TJ≥ 25°C
12.5
14.5
16.5
k
SDA, SCL, GPIO/PG, ENVM, Tx-MASK, ENDCL, NRESET, FLASH_SYNC, HC_SEL
V(IH)
High-level input voltage
1.2
V
V(IL)
Low-level input voltage
0.4
V
Low-level output voltage (SDA)
IOL = 8mA
0.3
V
V(OL)
Low-level output voltage (GPIO)
DIR = 1, IOL = 5mA
0.3
V
V(OH)
High-level output voltage (GPIO)
DIR = 1, GPIOTYPE = 0, IOH = 8mA
VIN–0.4
V
Input connected to VIN or GND
I(LKG)
Logic input leakage current
0.01
0.1
μA
–40°C
≤ TJ ≤ +85°C
ENVM pull-down resistance
ENVM
≤ 0.4 V
350
k
ENDCL, NRESET pull-down
ENDCL, NRESET
≤ 0.4 V
350
k
resistance
RPD
FLASH_SYNC pull-down resistance
FLASH_SYNC
≤ 0.4 V
350
k
Tx-MASK pull-down resistance
Tx-MASK
≤ 0.4 V
350
k
HC_SEL pull-down resistance
HC_SEL
≤ 0.4 V
350
k
SDA Input Capacitance
SDA = VIN or GND
9
pF
SCL Input Capacitance
SCL = VIN or GND
4
pF
GPIO/PG Input Capacitance
DIR = 0, GPIO/PG = VIN or GND
9
pF
ENVM Input Capacitance
ENVM = VIN or GND
4
pF
C(IN)
ENDCL Input Capacitance
ENDCL = VIN or GND
3
pF
HC_SEL Input Capacitance
HC_SEL = VIN or GND
3.5
pF
Tx-MASK Input Capacitance
Tx-MASK = VIN or GND
4
pF
FLASH_SYNC Input Capacitance
FLASH_SYNC = VIN or GND
3
pF
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS61300 TPS61301 TPS61305 TPS61305A


Numéro de pièce similaire - TPS61300

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI1-TPS61300 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
TPS61300YFFR TI1-TPS61300YFFR Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
TPS61300YFFT TI1-TPS61300YFFT Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
More results

Description similaire - TPS61300

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
   1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
   High power white LED driver with I2CTM interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com