Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61305YFFT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61305YFFT
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61305YFFT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS61305YFFT Datasheet HTML 3Page - Texas Instruments TPS61305YFFT Datasheet HTML 4Page - Texas Instruments TPS61305YFFT Datasheet HTML 5Page - Texas Instruments TPS61305YFFT Datasheet HTML 6Page - Texas Instruments TPS61305YFFT Datasheet HTML 7Page - Texas Instruments TPS61305YFFT Datasheet HTML 8Page - Texas Instruments TPS61305YFFT Datasheet HTML 9Page - Texas Instruments TPS61305YFFT Datasheet HTML 10Page - Texas Instruments TPS61305YFFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
TPS61300
TPS61301
TPS61305, TPS61305A
www.ti.com
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
I
2C INTERFACE TIMING CHARACTERISTICS(1) (continued)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
20 + 0.1 CB
1000
ns
Fast mode
20 + 0.1 CB
300
ns
tRCL
Rise Time of SCL Signal
High-speed mode, CB – 100 pF max
10
40
ns
High-speed mode, CB – 400 pF max
20
80
ns
Standard mode
20 + 0.1 CB
1000
ns
Rise Time of SCL Signal After a
Fast mode
20 + 0.1 CB
300
ns
tRCL1
Repeated START Condition and After
High-speed mode, CB – 100 pF max
10
80
ns
an Acknowledge BIT
High-speed mode, CB – 400 pF max
20
160
ns
Standard mode
20 + 0.1 CB
300
ns
Fast mode
20 + 0.1 CB
300
ns
tFCL
Fall Time of SCL Signal
High-speed mode, CB – 100 pF max
10
40
ns
High-speed mode, CB – 400 pF max
20
80
ns
Standard mode
20 + 0.1 CB
1000
ns
Fast mode
20 + 0.1 CB
300
ns
tRDA
Rise Time of SDA Signal
High-speed mode, CB – 100 pF max
10
80
ns
High-speed mode, CB – 400 pF max
20
160
ns
Standard mode
20 + 0.1 CB
300
ns
Fast mode
20 + 0.1 CB
300
ns
tFDA
Fall Time of SDA Signal
High-speed mode, CB – 100 pF max
10
80
ns
High-speed mode, CB – 400 pF max
20
160
ns
Standard mode
4
μs
tSU, tSTO Setup Time for STOP Condition
Fast mode
600
ns
High-speed mode
160
ns
CB
Capacitive Load for SDA and SCL
400
pF
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS61300 TPS61301 TPS61305 TPS61305A


Numéro de pièce similaire - TPS61305YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61305YFFT TI1-TPS61305YFFT Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
More results

Description similaire - TPS61305YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
   1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
   High power white LED driver with I2CTM interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com