Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54426PWPR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54426PWPR
Description  4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54426PWPR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS54426PWPR Datasheet HTML 1Page - Texas Instruments TPS54426PWPR Datasheet HTML 2Page - Texas Instruments TPS54426PWPR Datasheet HTML 3Page - Texas Instruments TPS54426PWPR Datasheet HTML 4Page - Texas Instruments TPS54426PWPR Datasheet HTML 5Page - Texas Instruments TPS54426PWPR Datasheet HTML 6Page - Texas Instruments TPS54426PWPR Datasheet HTML 7Page - Texas Instruments TPS54426PWPR Datasheet HTML 8Page - Texas Instruments TPS54426PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
VBST
SW3
SW1
SW2
VFB
VREG5
GND
SS
POWER PAD
16
7
5
6
2
3
4
1
15
12
11
9
8
10
14
13
POWER PAD
SW1
VBST
SS
VO
VFB
GND
PGND1
14
7
5
6
2
3
4
1
VIN2
EN
PG
VREG5
13
12
11
9
8
PGND2
10
SW2
VIN1
TPS54426
www.ti.com
SLVSAD6C
– AUGUST 2010 – REVISED JULY 2011
RSA PACKAGE
DEVICE INFORMATION
(TOP VIEW)
PWP PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NUMBER
PWP 14
RSA 16
VO
1
16
Connect to output of converter. This terminal is used for On-Time Adjustment.
VFB
2
1
Converter feedback input. Connect to output voltage with feedback resistor divider.
5.5 V power supply output. A capacitor (typical 1
µF) should be connected to GND. VREG5 is not
VREG5
3
2
active when EN is low.
SS
4
3
Soft-start control. A external capacitor should be connected to GND.
GND
5
4
Signal ground pin.
PG
6
5
Open drain power good output.
EN
7
6
Enable control input. EN is active high and must be pulled up to enable the device.
PGND1,
Ground returns for low-side MOSFET. Also serve as inputs of current comparators. Connect
8, 9
7, 8
PGND2
PGND and GND strongly together near the IC.
Switch node connection between high-side NFET and low-side NFET. Also serve as inputs to
SW1, SW2
10, 11
9, 10, 11
current comparators.
Supply input for high-side NFET gate driver (boost terminal). Connect capacitor from this pin to
VBST
12
12
respective SW1, SW2 terminals. An internal PN diode is connected between VREG5 to VBST pin.
Power input and connected to high side NFET drain. Supply input for 5-V internal linear regulator
VIN1, VIN2
13, 14
13, 14, 15
for the control circuitry.
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Should be
PowerPAD
Back side
Back side
connected to PGND.
Copyright
© 2010–2011, Texas Instruments Incorporated
5
Product Folder Link(s) :TPS54426


Numéro de pièce similaire - TPS54426PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54426PWPR TI-TPS54426PWPR Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Description similaire - TPS54426PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com