Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40001DGQG4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS40001DGQG4
Description  LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40001DGQG4 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS40001DGQG4 Datasheet HTML 1Page - Texas Instruments TPS40001DGQG4 Datasheet HTML 2Page - Texas Instruments TPS40001DGQG4 Datasheet HTML 3Page - Texas Instruments TPS40001DGQG4 Datasheet HTML 4Page - Texas Instruments TPS40001DGQG4 Datasheet HTML 5Page - Texas Instruments TPS40001DGQG4 Datasheet HTML 6Page - Texas Instruments TPS40001DGQG4 Datasheet HTML 7Page - Texas Instruments TPS40001DGQG4 Datasheet HTML 8Page - Texas Instruments TPS40001DGQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507D − JANUARY 2002 − REVISED NOVEMBER 2005
3
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating temperature range, TA = −40_C to 85_C, VDD = 5.0 V, all parameters measured at zero
power dissipation (unless otherwise noted)
input supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input voltage range
2.25
5.5
V
VHGATE High-side gate voltage
VBOOT − VSW
5.5
V
Shutdown current
SS/SD = 0 V,
Outputs off
0.25
0.45
IDD
Quiescent current
FB = 0.8 V
1.4
2.0
mA
IDD
Switching current
No load at HDRV/LDRV
1.5
4.0
mA
UVLO
Minimum on-voltage
1.95
2.05
2.15
V
Hysteresis
80
140
200
mV
oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Oscillator frequency
TPS40000
TPS40001
TPS40004
2.25 V
≤ VDD ≤ 5.00 V
250
300
350
kHz
fOSC
Oscillator frequency
TPS40002
TPS40003
TPS40005
2.25 V
≤ VDD ≤ 5.00 V
500
600
700
kHz
VRAMP Ramp voltage
VPEAK − VVALLEY
0.80
0.93
1.07
V
Ramp valley voltage
0.24
0.31
0.41
V
PWM
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum duty cycle(2)
TPS40000
TPS40001
TPS40004
FB = 0 V,
VDD = 3.3 V
87%
94%
97%
Maximum duty cycle(2)
TPS40002
TPS40003
TPS40005
FB = 0 V,
VDD = 3.3 V
83%
93%
97%
Minimum duty cycle
0%
error amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
FB input voltage
Line,
Temperature
0.689
0.700
0.711
V
VFB
FB input voltage
TA = 25°C
0.693
0.700
0.707
V
FB input bias current
30
130
nA
VOH
High-level output voltage
FB = 0 V,
IOH = 0.5 mA
2.0
2.5
V
VOL
Low-level output voltage
FB =VDD,
IOL = 0.5 mA
0.08
0.15
V
IOH
Output source current
COMP = 0.7 V,
FB = GND
2
6
mA
IOL
Output sink current
COMP = 0.7 V,
FB = VDD
3
8
mA
GBW
Gain bandwidth(1)
5
10
MHz
AOL
Open loop gain
55
85
dB
(1)
Ensured by design. Not production tested.
(2)
At VDD input voltage of 2.25 V, derate the maximum duty cycle by 3%.


Numéro de pièce similaire - TPS40001DGQG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40001DGQ TI-TPS40001DGQ Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40001DGQ TI1-TPS40001DGQ Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
TPS40001DGQR TI1-TPS40001DGQR Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
TPS40001DGQRG4 TI1-TPS40001DGQRG4 Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
More results

Description similaire - TPS40001DGQG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com