Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54426RSAR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54426RSAR
Description  4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54426RSAR Fiches technique(HTML) 3 Page - Texas Instruments

  TPS54426RSAR Datasheet HTML 1Page - Texas Instruments TPS54426RSAR Datasheet HTML 2Page - Texas Instruments TPS54426RSAR Datasheet HTML 3Page - Texas Instruments TPS54426RSAR Datasheet HTML 4Page - Texas Instruments TPS54426RSAR Datasheet HTML 5Page - Texas Instruments TPS54426RSAR Datasheet HTML 6Page - Texas Instruments TPS54426RSAR Datasheet HTML 7Page - Texas Instruments TPS54426RSAR Datasheet HTML 8Page - Texas Instruments TPS54426RSAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPS54426
www.ti.com
SLVSAD6C
– AUGUST 2010 – REVISED JULY 2011
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage range
4.5
18
V
VBST
–0.3
24
VBST (10 ns transient)
–0.3
27
SS, PG
–0.1
5.7
EN
–0.1
18
VI
Input voltage range
V
VO, VFB
–0.1
5.5
SW1, SW2
–1.8
18
SW1, SW2 (10 ns transient)
–3
21
PGND1, PGND2
–0.1
0.1
VO
Output voltage range
VREG5
–0.1
5.7
V
IO
Output Current range
IVREG5
0
10
mA
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, EN = 5 V,
IVIN
Operating - non-switching supply current
850
1300
μA
VFB = 0.8 V
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
1.8
10
μA
LOGIC THRESHOLD
VENH
EN high-level input voltage
EN
2
V
VENL
EN low-level input voltage
EN
0.4
V
VFB VOLTAGE AND DISCHARGE RESISTANCE
VFB voltage light load mode, TA = 25°C,
771
VO = 1.05 V, IO = 10mA
TA = 25°C, VO = 1.05 V, continuous mode
757
765
773
VFBTH
VFB threshold voltage
mV
TA = 0°C to 85°C, VO = 1.05 V, continuous
753
777
mode(1)
TA = –40°C to 85°C, VO = 1.05 V, continuous
751
779
mode(1)
IVFB
VFB input current
VFB = 0.8 V, TA = 25°C
0
±0.1
μA
RDischg
VO discharge resistance
EN = 0 V, VO = 0.5 V, TA = 25°C
50
100
VREG5 OUTPUT
TA = 25°C, 6 V < VIN < 18 V,
VVREG5
VREG5 output voltage
5.3
5.5
5.7
V
0
< IVREG5 < 5 mA
VLN5
Line regulation
6.0 V
< VIN < 18 V, IVREG5 = 5 mA
20
mV
VLD5
Load regulation
0 mA
< IVREG5 < 5 mA
100
mV
IVREG5
Output current
VIN = 6 V, VREG5 = 4 V, TA = 25°C
70
mA
MOSFET
Rdsonh
High side switch resistance
25
°C, VBST - SW1,2 = 5.5 V
63
m
Rdsonl
Low side switch resistance
25
°C
55
m
(1)
Not production tested.
Copyright
© 2010–2011, Texas Instruments Incorporated
3
Product Folder Link(s) :TPS54426


Numéro de pièce similaire - TPS54426RSAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54426 TI-TPS54426 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426PWP TI-TPS54426PWP Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426PWPR TI-TPS54426PWPR Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Description similaire - TPS54426RSAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com