Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40195RGYRG4 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS40195RGYRG4
Description  4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40195RGYRG4 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS40195RGYRG4 Datasheet HTML 1Page - Texas Instruments TPS40195RGYRG4 Datasheet HTML 2Page - Texas Instruments TPS40195RGYRG4 Datasheet HTML 3Page - Texas Instruments TPS40195RGYRG4 Datasheet HTML 4Page - Texas Instruments TPS40195RGYRG4 Datasheet HTML 5Page - Texas Instruments TPS40195RGYRG4 Datasheet HTML 6Page - Texas Instruments TPS40195RGYRG4 Datasheet HTML 7Page - Texas Instruments TPS40195RGYRG4 Datasheet HTML 8Page - Texas Instruments TPS40195RGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TPS40195
www.ti.com
SLUS720E – FEBRUARY 2007 – REVISED JULY 2012
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 85°C, VVDD= 12 Vdc, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOV
Feedback voltage limit for power good
650
VUV
Feedback voltage limit for power good
530
mV
VPG_HYST
Powergood hysteresis voltage at FB pin
30
RPGD
Pulldown resistance of PGD pin
VFB < 530 mV or VFB > 650 mV
7
20
IPDGLK
Leakage current
530 mV
≤ VFB ≤ 650 mV VPGOOD = 5V
7
12
μA
BOOT DIODE
VDFWD
Bootstrap diode forward voltage
IBOOT = 5 mA
0.5
0.8
1.2
V
THERMAL SHUTDOWN
TJSD
Junction shutdown temperature (3)
150
°C
TJSDH
Hysteresis(3)
20
(3)
Specified by design. Not production tested.
Copyright © 2007–2012, Texas Instruments Incorporated
5


Numéro de pièce similaire - TPS40195RGYRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PW TI-TPS40195PW Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PWG4 TI-TPS40195PWG4 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PWR TI-TPS40195PWR Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PWRG4 TI-TPS40195PWRG4 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
More results

Description similaire - TPS40195RGYRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com