Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX-442 Fiches technique(PDF) 5 Page - Panasonic Semiconductor

No de pièce CX-442
Description  Panasonic Electric Works of America
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CX-442 Fiches technique(HTML) 5 Page - Panasonic Semiconductor

  CX-442 Datasheet HTML 1Page - Panasonic Semiconductor CX-442 Datasheet HTML 2Page - Panasonic Semiconductor CX-442 Datasheet HTML 3Page - Panasonic Semiconductor CX-442 Datasheet HTML 4Page - Panasonic Semiconductor CX-442 Datasheet HTML 5Page - Panasonic Semiconductor CX-442 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Electric Works Corporation of America
http://pewa.panasonic.com/automation-controls/
PRESSURE SENSORS
DP-100 Series
Self Contained
● 0.1kPa Resolution ● 2.5ms Response Time
DPC-100/DPH-100 Series
Separate Head and Amplifier
● Miniature Head Design ● 0.5ms Response Time
Type
Pressure Range
Output Configuration
Output
Model
R1/8 Male
NPT1/8 Male
G1/8 Male
M5 Female
Low Pressure
±100 kPa
2 Discrete Outputs
NPN
DP-101
DP-101-N
DP-101-M
PNP
DP-101-N-P
DP-101-E-P
DP-101-M-P
1 Discrete Output + 1 Analog Output
NPN
DP-101A
DP-101A-N
DP-101A-M
PNP
DP-101A-N-P
DP-101A-E-P
DP-101-M
M8
Type
2 Discrete Outputs
PNP
DP-111-E-P-J
1 Discrete Output + 1 Analog Output
DP-111A-E-P-J
High Pressure
-0.1 to 1.0MPa
2 Discrete Outputs
NPN
DP-102
DP-102-N
DP-102-M
PNP
DP-102-N-P
DP-102-E-P
DP-102-M
1 Discrete Output + 1 Analog Output
NPN
DP-102A
DP-102A-N
DP-102A-M
PNP
DP-102A-N-P
DP-102A-E-P
DP-102A-M-P
M8
Type
2 Discrete Outputs
PNP
DP-112-E-P-J
1 Discrete Output + 1 Analog Output
DP-112A-E-P-J
DPC-L100/DPH-L100 Series
Separate Head and Amplifier
● For Liquids and High Pressures ● 5ms Response Time
DP-100 Series
• Self Contained Design
• M8 Quick Connection Available
• Pressure Range: -0.1 to 1.0 MPa
DPC-100 / DPH-100 Series
• Separate Head and Amplifier
• High Flex Cable Models Available
• Pressure Heads Can Be Used Independently
• Pressure Range: -0.1 to 1.0 MPa
DPC-L100 / DPH-L100 Series
• Separate Head and Amplifier
• For Air, Water, Oil, and Other Liquids
• Pressure Heads Can Be Used Independently
• Pressure Range: -0.1 to 50.0 MPa
RUN Mode
Settings such as
threshold value
adjustment and key lock
operation can be carried
out while the sensor is
operating.
Basic settings such as
output mode setting and
NO/NC switching can be
carried out.
PRO Mode
High-level function
settings such as
hysteresis adjustment and
the copy function can be
carried out.
RUN Mode
PRO Mode
MENU SETTING Mode
e
MEN
Simple
Setting
Special &
Detailed Setting
Three Level Configuration
The setting levels are clearly separated into
“RUN mode” for operation settings that are
carried out daily, “MENU SETTING mode” for
basic settings, and “PRO mode” for special
and detailed set ting. These make set ting
operations easy to understand and easy to
carry out.
Three Color Digital Display
The main display color switches between green and red in accordance with the
ON/OFF status of output during RUN mode. In addition, the display always appears
orange while setting is in progress, so that the status of the controller can be viewed at
a glance.
Orange while
setting is in progress.
Display in
red or green
depending
on output
ON / OFF.
Menu Setting Mode
RUN Mode
PRO Mode
OFF: Green (or Red)
ON: Red (or Green)
SET: Orange
Panasonic pressure sensors are easy to use and deliver the
highest level of performance. Our product line can detect
air, water, oil, and other liquids with pressures up to 50MPa.
Whether you need high resolution or high speed detection,
our pressure sensors have you covered.
Menu Setting Mode
Controllers
Sensor Heads
Model Number
Type
Pressure Range
Port Size
Model
NPN Outputs
PNP Outputs
STD Cable
High Flex Cable
DPC-101
DPC-101-P
Compound Pressure
±100 kPa
R1/8 Male + M5 Female
DPH-101
DPH-101-R
M3 Male
DPH-101-M3
DPH-101-M3-R
M5 Male
DPH-101-M5
DPH-101-M5-R
Positive Pressure
0 to 1.0MPa
R1/8 Male + M5 Female
DPH-102
M5 Male
DPH-102-M5
Vacuum Pressure
0 to -101.0 kPa
R1/8 Male + M5 Female
DPH-103
DPH-103-R
M3 Male
DPH-103-M3
DPH-103-M3-R
M5 Male
DPH-103-M5
DPH-103-M5-R
Controllers
Sensor Heads
Model Number
Type
Pressure Range
Port Size
Model
NPN Outputs
PNP Outputs
Compound Pressure
-0.1 to 1.0 MPa
R1/4 Male
DPH-L113V
DPC-L101
DPC-L101-P
Positive Pressure
0 to 1.0MPa
DPH-L113
0 to 3.5 MPs
DPH-L133
0 to 10 MPa
DPH-L114
0 to 50 MPa
DPH-L154


Numéro de pièce similaire - CX-442

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
CX-442 PANASONIC-CX-442 Datasheet
337Kb / 2P
   Adjustable Range Reflective Compact Photoelectric Sensor
CX-442 PANASONIC-CX-442 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
CX-442-P PANASONIC-CX-442-P Datasheet
337Kb / 2P
   Adjustable Range Reflective Compact Photoelectric Sensor
CX-442-P PANASONIC-CX-442-P Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
More results

Description similaire - CX-442

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Battery Group
SHH43C72RAU PANASONICBATTERY-SHH43C72RAU Datasheet
49Kb / 1P
   SPECIFICATION OF PANASONIC COMPRESSOR
DGH51C69RAU PANASONICBATTERY-DGH51C69RAU Datasheet
49Kb / 1P
   SPECIFICATION OF PANASONIC COMPRESSOR
logo
Panasonic Semiconductor
AN80T05 PANASONIC-AN80T05 Datasheet
991Kb / 12P
   Panasonic Semiconductor Singapore A Division of Panasonic Semiconductor Asia Pte Ltd
AN17808B PANASONIC-AN17808B Datasheet
982Kb / 15P
   A Division of Panasonic Semiconductor Asia Pte Ltd
REV 1
EZAEG2A50AX PANASONIC-EZAEG2A50AX Datasheet
892Kb / 6P
   Panasonic ESD Suppressors
ECO-S1KP472DA PANASONIC-ECO-S1KP472DA Datasheet
193Kb / 10P
   Panasonic Industrial Company
logo
CUI INC
SMI-US-3L CUI-SMI-US-3L Datasheet
349Kb / 2P
   NORTH AMERICA BLADE
SMI-US-3 CUI-SMI-US-3_V01 Datasheet
570Kb / 2P
   NORTH AMERICA BLADE
06/20/2019
SMI-US-1 CUI-SMI-US-1 Datasheet
250Kb / 2P
   NORTH AMERICA BLADE
SMI-US-3 CUI-SMI-US-3 Datasheet
607Kb / 2P
   NORTH AMERICA BLADE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com