Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-2430-000E Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-2430-000E
Description  20 MBd High CMR Logic Gate Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2430-000E Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2430-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Absolute Maximum Ratings
(No derating required up to 70°C)
Parameter
Symbol
Minimum
Maximum
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
85
°C
Average Forward Input Current
I
F(AVG)
10
mA
Peak Forward Input Current
I
FPK
20
mA
12
Reverse Input Voltage
V
R
2
V
Three State Enable Voltage
V
E
-0.5
10
V
(HCPL-2400 Only)
Supply Voltage
V
CC
0
7
V
Average Output Collector Current
I
O
-25
25
mA
Output Collector Voltage
V
O
-0.5
10
V
Output Voltage
V
O
-0.5
18
V
Output Collector Power Dissipation
P
O
40
mW
(Each Channel)
Total Package Power Dissipation
P
T
350
mW
(Each Channel)
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
(for Through Hole Devices)
Reflow Temperature Profile
See Package Outline Drawings section
(Option #300)
Recommended Operating Conditions
Parameter
Symbol
Minimum
Maximum
Units
Power Supply Voltage
V
CC
4.75
5.25
V
Forward Input Current (ON)
I
F(ON)
4
8
mA
Forward Input Voltage (OFF)
V
F(OFF)
0.8
V
Fan Out
N
5
TTL Loads
Enable Voltage (Low)
V
EL
0
0.8
V
HCPL-2400 Only)
Enable Voltage (High)
V
EH
2
V
CC
V
HCPL-2400 Only)
Operating Temperature
T
A
0
70
°C


Numéro de pièce similaire - HCPL-2430-000E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
More results

Description similaire - HCPL-2430-000E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW2211-500E AVAGO-HCNW2211-500E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com