Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79318YZQT Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79318YZQT
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79318YZQT Fiches technique(HTML) 4 Page - Texas Instruments

  TPS79318YZQT Datasheet HTML 1Page - Texas Instruments TPS79318YZQT Datasheet HTML 2Page - Texas Instruments TPS79318YZQT Datasheet HTML 3Page - Texas Instruments TPS79318YZQT Datasheet HTML 4Page - Texas Instruments TPS79318YZQT Datasheet HTML 5Page - Texas Instruments TPS79318YZQT Datasheet HTML 6Page - Texas Instruments TPS79318YZQT Datasheet HTML 7Page - Texas Instruments TPS79318YZQT Datasheet HTML 8Page - Texas Instruments TPS79318YZQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
ADJUSTABLE VERSION
_
+
Thermal
Shutdown
Bandgap
Reference
1.22V
Current
Sense
R2
GND
EN
SHUTDOWN
Vref
UVLO
ILIM
External to
the Device
R1
UVLO
2.45V
250 k
NR
FB
59 k
QuickStart
OUT
IN
IN
FIXED VERSION
_
+
Thermal
Shutdown
Current
Sense
R1
R2
GND
EN
SHUTDOWN
Vref
UVLO
ILIM
250 k
NR
QuickStart
Bandgap
Reference
1.22V
UVLO
2.45V
R2 = 40 k
IN
IN
OUT
TPS793xx
SLVS348K – JULY 2001 – REVISED OCTOBER 2007
Table 1. Terminal Functions
TERMINAL
SOT23
SOT23
WCSP
NAME
ADJ
FIXED
FIXED
DESCRIPTION
Connecting an external capacitor to this pin bypasses noise generated by the internal bandgap.
NR
4
4
B2
This improves power-supply rejection and reduces output noise.
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
EN
3
3
A3
shutdown mode. EN can be connected to IN if not used.
FB
5
N/A
N/A
This terminal is the feedback input voltage for the adjustable device.
GND
2
2
A1
Regulator ground
IN
1
1
C3
Input to the device.
OUT
6
5
C1
Output of the regulator.
4
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated


Numéro de pièce similaire - TPS79318YZQT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79318YZQT TI-TPS79318YZQT Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS79318YZQT TI1-TPS79318YZQT Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79318YZQT TI1-TPS79318YZQT Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79318YZQT TI1-TPS79318YZQT Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Description similaire - TPS79318YZQT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com