Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3490IM5-12 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM3490IM5-12
Description  LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3490IM5-12 Fiches technique(HTML) 4 Page - Texas Instruments

  LM3490IM5-12 Datasheet HTML 1Page - Texas Instruments LM3490IM5-12 Datasheet HTML 2Page - Texas Instruments LM3490IM5-12 Datasheet HTML 3Page - Texas Instruments LM3490IM5-12 Datasheet HTML 4Page - Texas Instruments LM3490IM5-12 Datasheet HTML 5Page - Texas Instruments LM3490IM5-12 Datasheet HTML 6Page - Texas Instruments LM3490IM5-12 Datasheet HTML 7Page - Texas Instruments LM3490IM5-12 Datasheet HTML 8Page - Texas Instruments LM3490IM5-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM3490
SNVS012E – JUNE 1999 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS LM3490-12, LM3490-15
VIN = VNOM + 1.5V unless otherwise noted. Typicals and limits appearing in normal type apply for TA = TJ = 25°C. Limits
appearing in boldface type apply over the entire junction temperature range for operation,
−40 to +125°C
(1) (2) (3)
Nominal Output Voltage (VNOM)
12V
15V
Units
Symbol
Parameter
Conditions
Typical
Limit
Typical
Limit
VOUT
Output Voltage
1 mA
≤ IOUT ≤ 100 mA
12.00
15.00
V
11.52
14.40
V(min)
11.40
14.25
V(min)
12.48
15.60
V(max)
12.60
15.75
V(max)
ΔVOUT
Line Regulation
VNOM + 1.5V ≤ VIN ≤ 30V,
14
16
mV
IOUT = 1 mA
40
40
mV(max)
ΔVOUT
Load Regulation
10 mA
≤ IOUT ≤ 100 mA
36
45
mV
60
75
mV(max)
IGND
Ground Pin Current
VNOM + 1.5V ≤ VIN ≤ 30V,
No Load
VON/OFF = 5V
2
2
mA
4
4
mA(max)
VON/OFF = 0V
0.1
0.1
µA
5
5
µA(max)
VIN -
Dropout Voltage
IOUT = 10 mA
0.7
0.7
V
VOUT
0.9
0.9
V(max)
1.0
1.0
V(max)
IOUT = 100 mA
0.9
0.9
V
1.1
1.1
V(max)
1.2
1.2
V(max)
en
Output Noise
VIN = 10V,
360
450
µVrms
Voltage
Bandwidth: 10 Hz to 100 kHz
VIL
Maximum Low Level
0.2
0.2
V(max)
Input Voltage at
ON/OFF
VIH
Minimum High Level
2.0
2.0
V(min)
Input Voltage at
ON/OFF
IIL
VON/OFF = 0V
−1
−1
µA(max)
IIH
VON/OFF = 5V
1
1
µA
20
20
µA(max)
(1)
A typical is the center of characterization data taken with TA = TJ = 25°C. Typicals are not ensured.
(2)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TA = TJ = 25°C. All
hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(3)
All voltages except dropout are with respect to the voltage at the GND pin.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM3490


Numéro de pièce similaire - LM3490IM5-12

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3490IM5-12 NSC-LM3490IM5-12 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490IM5-12 NSC-LM3490IM5-12 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
More results

Description similaire - LM3490IM5-12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
[Old version datasheet]   LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Calogic, LLC
CLM2805 CALOGIC-CLM2805 Datasheet
35Kb / 3P
   Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com