Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC347LPC-10-G Fiches technique(PDF) 2 Page - API Technologies Corp

No de pièce DAC347LPC-10-G
Description  Low Power, Wide Temperature Range DACs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DAC347LPC-10-G Fiches technique(HTML) 2 Page - API Technologies Corp

  DAC347LPC-10-G Datasheet HTML 1Page - API Technologies Corp DAC347LPC-10-G Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORM A TION
M ODEL
DESCRIPTION
DA C347LPB-12-U
M IL,12-Bit. 0 to+10V
DA C347LPC-10-G
Comm 10-Bit,±10V
DA C347LPC-12-G
Comm, 12-Bit, ±10V
DA C347LPC-10-B
Comm, 10-Bit.±5V
DA C347LPC-12-B
Comm, 12-Bit.±5V
DA C347LPC-10-U
Comm, 10-Bit. 0 to +10V
DA C347LPC-12-U
Comm, 10-Bit. 0 to +10V
LPC models are commercially processed.
LPB models are processed to M IL-STD-883
Rev. C. Level B
Specifications subject to change without notice.
SPECIFICATIO N S
(Typical @ +25ºC using nominal supplies unless otherwise noted).
SERIES
DA C347
TY PE
Fixed Ref, V olt Output
DIGITA L INPUT
Resolution
–10 option
10-bits
–12 option
12-bits
Coding Unipolar
Comp. Binary
Bipolar
Comp Offset Binary
Logic Compatibility1
DTL, TTL, CM OS
V IH=2.4V (min)
V IL=0.8V (max)
IIH=IIL=1µA (max)
A NA LOG OUTPUT2
V oltage Output
-U option
0 to +10V
-B option
±5V
-G option
±10V
Impedance
0.1
Current
±5mA
REFERENCE
Internal
STA TIC PERFORM A NCE
Integral Linearity
±1/2 LSB (max)
Differential Linearity
±1/2 LSB ±1LSB (max)
End Point A ccuracy
±0.1%
DY NA M IC PERFORM A NCE
Settling Time for a W orst
Case Digital Change
–10 models (to ±0.05% )
20µS (max)
–12 models (to ±0.05% )
20µS (max)
– 25º C TO +85º C OPERA TION
Change in A ccuracy3
–10 models
±0.15% F.S.R.
–12 models
±0.1% F.S.R.
Differential Linearity
–10 models
±0.1% F.S.R.
–12 models
±0.025% F.S.R.
Linearity Error
–10 models
±0.05% F.S.R.
–12 models
±0.0125% F.S.R.
– 55º C TO +125º C OPERA TION
Change in A ccuracy
–10 models
±0.7% F.S.R
–12 models
±0.35% F.S.R.
Differential Linearity
–10 models
±0.1% F.S.R
–12 models
±0.05% F.S.R
Linearity Error
–10 models
±0.05% F.S.R
–12 models
±0.025% F.S.R
POW ER REQUIREM ENTS
Power Supply
+15V , ±3% @ 6mA (typ),
9mA (max)
–15V , ±3% @ 9mA (typ),
12mA (max)
Power Supply Rejection
Ratio
0.001% /% (typ),
0.002% /% (max)
ENV IRONM ENTA L
Operating Temperature
–55º C to +125ºC
B V ersions
Range
0ºC to 70º C
C V ersions
M ECHA NICA L
Case Style
18 pin ceramic
CA SE A (CERA M IC): A DC542
0.165
(4.191)
0.010
(0.254)
0.300
(7.62)
0.018
(0.451)
0.100
(2.54)
0.982
(25.197)
0.480
(12.446)
0.025
(0.635)
0.200
(5.207)
M IN
TY PICA L
DIM ENSIONS
TOP
V IEW
PIN (1)
INDEX
9
10
1
18
inch
mm
PIN
FUNCTION
PIN
FUNCTION
1
BIT 1 (M SB)
18
BIT 1 (LSB)
2
Bit 2
17
Bit 11
3
Bit 3
16
Bit 10
4
Bit 4
15
Bit 9
5
Bit 5
14
Bit 8
6
Bit 6
13
Bit 7
7
GA IN A DJ
12
OUTPUT
8
OFFSET A DJ
11
GND
9
+15V
10
–15V
DAC347


Numéro de pièce similaire - DAC347LPC-10-G

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKDR TI1-DAC3482IRKDR Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
More results

Description similaire - DAC347LPC-10-G

FabricantNo de pièceFiches techniqueDescription
logo
Epson Company
S2R72A44F12C4 EPSON-S2R72A44F12C4 Datasheet
330Kb / 32P
   Wide temperature range Low power consumption
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
   Wide temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-6211T AVAGO-ACFL-6211T Datasheet
308Kb / 13P
   Automotive Wide Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com