Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DESD32H472KN7A Datasheet(Fiches technique) 78 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DESD32H472KN7A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Télécharger  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

DESD32H472KN7A Datasheet(HTML) 78 Page - Murata Manufacturing Co., Ltd.

Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
C85E.pdf
Jul.13,2011
When DC-rated capacitors are to be used in AC or ripple
current circuits, be sure to maintain the Vp-p value of the
applied voltage or the Vo-p that contains DC bias within
the rated voltage range.
When the voltage is applied to the circuit, starting or
stopping may generate irregular voltage for a transit
period because of resonance or switching. Be sure to
use a capacitor with a rated voltage range that includes
these irregular voltages.
Voltage
Positional
Measurement
DC Voltage
DC+AC Voltage
AC Voltage
Pulse Voltage (1)
Pulse Voltage (2)
V0-p
V0-p
Vp-p
Vp-p
Vp-p
1. Operating Voltage
Keep the surface temperature of a capacitor below the
upper limit of its rated operating temperature range. Be
sure to take into account the heat generated by the
capacitor itself. When the capacitor is used in a high-
frequency current, pulse current or similar current, it may
have self-generated heat due to dielectric loss. Applied
voltage load should be such that self-generated heat is
within 20
°C under the condition where the capacitor is
subjected to an atmospheric temperature of 25
°C. When
measuring, use a thermocouple of small thermal
capacity-K of ø0.1mm under conditions where the
capacitor is not affected by radiant heat from other
components or wind from surroundings. Excessive heat
may lead to deterioration of the capacitor's characteristics
and reliability. (Never attempt to perform measurement
with the cooling fan running. Otherwise, accurate
measurement cannot be ensured.)
2. Operating Temperature and Self-generated Heat
Test equipment for AC withstanding voltage should be
used with the performance of the wave similar to
50/60Hz sine wave.
If the distorted sine wave or overload exceeding the
specified voltage value is applied, a defect may be
caused.
3. Test Condition for Withstanding Voltage
(1) Test Equipment
Continued on the following page.
s !Caution (Rating)
Safety Certified Ceramic Capacitors for Automotive !Caution
76
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn