Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DESD32H472KN7A Datasheet(Fiches technique) 76 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DESD32H472KN7A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Télécharger  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

DESD32H472KN7A Datasheet(HTML) 76 Page - Murata Manufacturing Co., Ltd.

Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
C85E.pdf
Jul.13,2011
74
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
s Capacitance - Temperature Characteristics
B
B
E
Temperature (
°C)
-40
40
20
0
-20
-40
-60
-80
-100
-20
0
20
40
60
80
100
120
140
E
s Insertion Loss - Frequency Characteristics
0
10
20
30
40
50
1
10
100
1000
Frequency (MHz)
Type KJ
Signal power: 1mW
AC240V(r.m.s.) / 60Hz is
applied on the capacitor.
(1) 100pF
(2) 220pF
(3) 470pF
(4) 1000pF
(5) 2200pF
(6) 4700pF
(6)
(5)
(4)
(3)
(1)
(2)
s Leakage Current Characteristics
0
1000
2000
3000
4000
1.0
0.8
0.6
0.4
0.2
0.0
0
1000
2000
3000
4000
AC voltage
: 60Hz
Temperature : 25
°C
AC voltage
: 60Hz
Temperature : 25
°C
Type KJ (B char.)
Type KJ (E char.)
AC voltage [V(r.m.s.)]
AC voltage [V(r.m.s.)]
4.0
3.0
2.0
1.0
0.0
470pF
4700pF
2200pF
1000pF
220pF
100pF
Safety Certified Ceramic Capacitors for Automotive Characteristics Data (Typical Example)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn