Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DESD32H472KN7A Datasheet(Fiches technique) 68 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DESD32H472KN7A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Télécharger  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

DESD32H472KN7A Datasheet(HTML) 68 Page - Murata Manufacturing Co., Ltd.

Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
C85E.pdf
Jul.13,2011
High Voltage Ceramic Capacitors !Caution
66
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
s !Caution (Storage and Operating Condition)
s !Caution (Soldering and Mounting)
s !Caution (Handling)
Vibration and Impact
Do not expose a capacitor or its lead wires to
excessive shock or vibration during use.
Excessive shock or vibration may cause fatigue
destruction of lead wires mounted on the circuit
board.
Please take measures to hold a capacitor on the
circuit boards by adhesive, molding resin or another
coating.
Please confirm there is no influence of holding
measures on the product with the intended equipment.
FAILURE TO FOLLOW THE ABOVE CAUTIONS MAY
RESULT, WORST CASE, IN A SHORT CIRCUIT
AND CAUSE FUMING OR PARTIAL DISPERSION
WHEN THE PRODUCT IS USED.
Operating and Storage Environment
The insulating coating of capacitors does not form a
perfect seal; therefore, do not use or store
capacitors in a corrosive atmosphere, especially
where chloride gas, sulfide gas, acid, alkali, salt
or the like are present. Also, avoid exposure to
moisture. Before cleaning, bonding or molding this
product, verify that these processes do not affect
product quality by testing the performance of a
cleaned, bonded or molded product in the intended
equipment. Store the capacitors where the
temperature and relative humidity do not exceed -10
to 40 degrees centigrade and 15 to 85%.
Use capacitors within 6 months after delivery.
Check the solderability after 6 months or more.
FAILURE TO FOLLOW THE ABOVE CAUTIONS MAY
RESULT, WORST CASE, IN A SHORT CIRCUIT
AND CAUSE FUMING OR PARTIAL DISPERSION
WHEN THE PRODUCT IS USED.
1. Vibration and Impact
Do not expose a capacitor or its lead wires to
excessive shock or vibration during use.
Excessive shock or vibration may cause fatigue
destruction of lead wires mounted on the circuit
board.
Please take measures to hold a capacitor on the
circuit boards by adhesive, molding resin or another
coating.
Please confirm there is no influence of holding
measures on the product with the intended equipment.
2. Soldering
When soldering this product to a PCB/PWB, do not
exceed the solder heat resistance specification of
the capacitor. Subjecting this product to excessive
heating could melt the internal junction solder and
may result in thermal shocks that can crack the
ceramic element.
Soldering the capacitor with a soldering iron should
be performed in following conditions.
Temperature of iron-tip: 400 degrees C. max.
Soldering iron wattage: 50W max.
Soldering time: 3.5 sec. max.
3. Bonding, Resin Molding and Coating
For bonding, molding or coating this product, verify
that these processes do not affect the quality of the
capacitor by testing the performance of the bonded,
molded or coated product in the intended equipment.
When the amount of applications, dryness/hardening
conditions of adhesives and molding resins containing
organic solvents (ethyl acetate, methyl ethyl ketone,
toluene, etc). are unsuitable, the outer coating resin
of a capacitor is damaged by the organic solvents and
it may result, worst case, in a short circuit.
The variation in thickness of adhesive, molding resin
or coating may cause outer coating resin cracking
and/or ceramic element cracking of a capacitor in a
temperature cycling.
4. Treatment after Bonding, Resin Molding and Coating
When the outer coating is hot (over 100 degrees C.)
after soldering, it becomes soft and fragile.
Therefore, please be careful not to give it mechanical
stress.
FAILURE TO FOLLOW THE ABOVE CAUTIONS MAY
RESULT, WORST CASE, IN A SHORT CIRCUIT
AND CAUSE FUMING OR PARTIAL DISPERSION
WHEN THE PRODUCT IS USED.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn