Moteur de recherche de fiches techniques de composants électroniques |
|
TPSC107K060K0100 Fiches technique(PDF) 10 Page - AVX Corporation |
|
TPSC107K060K0100 Fiches technique(HTML) 10 Page - AVX Corporation |
10 / 11 page TPS Series Low ESR RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR 100kHz RMS Current (A) 100kHz RMS Voltage (V) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC TPSC106*025#0300 C 10 25 2.5 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 TPSC106*025#0500 C 10 25 2.5 6 500 1 0.469 0.422 0.188 0.235 0.211 0.094 TPSD106*025#0500 D 10 25 2.5 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 TPSC156*025#0220 C 15 25 3.8 6 220 1 0.707 0.636 0.283 0.156 0.140 0.062 TPSC156*025#0300 C 15 25 3.8 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 TPSD156*025#0100 D 15 25 3.8 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD156*025#0300 D 15 25 3.8 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSC226*025#0275 C 22 25 5.5 6 275 1 0.632 0.569 0.253 0.174 0.157 0.070 TPSC226*025#0400 C 22 25 5.5 6 400 1 0.524 0.472 0.210 0.210 0.189 0.084 TPSD226*025#0100 D 22 25 5.5 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD226*025#0200 D 22 25 5.5 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 TPSD226*025#0300 D 22 25 5.5 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSD336*025#0100 D 33 25 8.3 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD336*025#0200 D 33 25 8.3 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 TPSD336*025#0300 D 33 25 8.3 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSE336*025#0100 E 33 25 8.3 6 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSE336*025#0175 E 33 25 8.3 6 175 1 1) 0.971 0.874 0.388 0.170 0.153 0.068 TPSE336*025#0200 E 33 25 8.3 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 TPSE336*025#0300 E 33 25 8.3 6 300 1 1) 0.742 0.667 0.297 0.222 0.200 0.089 TPSY336*025#0200 Y 33 25 8.3 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 TPSD476*025#0125 D 47 25 11.8 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 TPSD476*025#0150 D 47 25 11.8 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSD476*025#0250 D 47 25 11.8 6 250 1 0.775 0.697 0.310 0.194 0.174 0.077 TPSE476*025#0080 E 47 25 11.8 6 80 1 1) 1.436 1.293 0.574 0.115 0.103 0.046 TPSE476*025#0100 E 47 25 11.8 6 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSE476*025#0125 E 47 25 11.8 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 TPSE686*025#0125 E 68 25 17 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 TPSE686*025#0200 E 68 25 17 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 TPSV686*025#0080 V 68 25 17 6 80 1 1) 1.768 1.591 0.707 0.141 0.127 0.057 TPSV686*025#0095 V 68 25 17 6 95 1 1) 1.622 1.460 0.649 0.154 0.139 0.062 TPSV686*025#0150 V 68 25 17 6 150 1 1) 1.291 1.162 0.516 0.194 0.174 0.077 TPSV686*025#0200 V 68 25 17 6 200 1 1) 1.118 1.006 0.447 0.224 0.201 0.089 TPSE107M025#0150 E 100 25 25 10 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 TPSV107*025#0100 V 100 25 25 8 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 TPSV157M025#0150 V 150 25 37.5 10 150 1 1) 1.291 1.162 0.516 0.194 0.174 0.077 35 Volt @ 85ºC (23 Volt @ 125ºC) TPSA224*035#6000 A 0.22 35 0.5 4 6000 1 0.112 0.101 0.045 0.671 0.604 0.268 TPSA334*035#6000 A 0.33 35 0.5 4 6000 1 0.112 0.101 0.045 0.671 0.604 0.268 TPSA474*035#6000 A 0.47 35 0.5 4 6000 1 0.112 0.101 0.045 0.671 0.604 0.268 TPSB474*035#4000 B 0.47 35 0.5 4 4000 1 0.146 0.131 0.058 0.583 0.525 0.233 TPSA684*035#6000 A 0.68 35 0.5 4 6000 1 0.112 0.101 0.045 0.671 0.604 0.268 TPSA105*035#3000 A 1 35 0.5 4 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 TPSB105*035#2000 B 1 35 0.5 4 2000 1 0.206 0.186 0.082 0.412 0.371 0.165 TPSA155*035#3000 A 1.5 35 0.5 6 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 TPSB155*035#2500 B 1.5 35 0.5 6 2500 1 0.184 0.166 0.074 0.461 0.415 0.184 TPSA225*035#1500 A 2.2 35 0.8 6 1500 1 0.224 0.201 0.089 0.335 0.302 0.134 TPSB225*035#0750 B 2.2 35 0.8 6 750 1 0.337 0.303 0.135 0.252 0.227 0.101 TPSB225*035#1500 B 2.2 35 0.8 6 1500 1 0.238 0.214 0.095 0.357 0.321 0.143 TPSB225*035#2000 B 2.2 35 0.8 6 2000 1 0.206 0.186 0.082 0.412 0.371 0.165 TPSC225*035#1000 C 2.2 35 0.8 6 1000 1 0.332 0.298 0.133 0.332 0.298 0.133 TPSB335*035#1000 B 3.3 35 1.2 6 1000 1 0.292 0.262 0.117 0.292 0.262 0.117 TPSC335*035#0700 C 3.3 35 1.2 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 TPSB475*035#0700 B 4.7 35 1.6 6 700 1 0.348 0.314 0.139 0.244 0.220 0.098 TPSB475*035#1500 B 4.7 35 1.6 6 1500 1 0.238 0.214 0.095 0.357 0.321 0.143 TPSC475*035#0600 C 4.7 35 1.6 6 600 1 0.428 0.385 0.171 0.257 0.231 0.103 TPSD475*035#0700 D 4.7 35 1.6 6 700 1 0.463 0.417 0.185 0.324 0.292 0.130 TPSC685*035#0350 C 6.8 35 2.4 6 350 1 0.561 0.505 0.224 0.196 0.177 0.078 TPSD685*035#0150 D 6.8 35 2.4 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSD685*035#0400 D 6.8 35 2.4 6 400 1 0.612 0.551 0.245 0.245 0.220 0.098 TPSD685*035#0500 D 6.8 35 2.4 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 TPSC106*035#0600 C 10 35 3.5 6 600 1 0.428 0.385 0.171 0.257 0.231 0.103 TPSD106*035#0125 D 10 35 3.5 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 TPSD106*035#0300 D 10 35 3.5 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSE106*035#0200 E 10 35 3.5 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 TPSY106*035#0250 Y 10 35 3.5 6 250 1 1) 0.707 0.636 0.283 0.177 0.159 0.071 TPSC156*035#0350 C 15 35 5.3 6 350 1 0.561 0.505 0.224 0.196 0.177 0.078 TPSC156*035#0450 C 15 35 5.3 6 450 1 0.494 0.445 0.198 0.222 0.200 0.089 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting. For typical weight and composition see page 120. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 39 |
Numéro de pièce similaire - TPSC107K060K0100 |
|
Description similaire - TPSC107K060K0100 |