Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMH6503 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMH6503
Description  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMH6503 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LMH6503 Datasheet HTML 4Page - Texas Instruments LMH6503 Datasheet HTML 5Page - Texas Instruments LMH6503 Datasheet HTML 6Page - Texas Instruments LMH6503 Datasheet HTML 7Page - Texas Instruments LMH6503 Datasheet HTML 8Page - Texas Instruments LMH6503 Datasheet HTML 9Page - Texas Instruments LMH6503 Datasheet HTML 10Page - Texas Instruments LMH6503 Datasheet HTML 11Page - Texas Instruments LMH6503 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
2.5
3
3.5
4
4.5
5
5.5
±SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
6
-40°C
85°C
25°C
RL = OPEN
VG = VG_MAX
2.5
3
3.5
4
4.5
5
5.5
±SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
6
-40°C
85°C
25°C
RL = OPEN
VG = VG_MIN
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-20
-15
-10
-5
0
5
VG = 0V AVERAGE
PIN = 0dBm
AVMAX = 2V/V
S21 (dB) + 20 PLOTTED
SEE NOTE 11
-8
-7
-6
-5
-4
-3
-2
-1
0
1
f (10 MHz/DIV)
-120
-100
-80
-60
-40
-20
0
20
40
60
GAIN
PHASE
1.1V
0.5V
0V
-0.5V
AVMAX = 100
PIN = -22dBm
SEE NOTE 12
0
50M
100M
-8
-7
-6
-5
-4
-3
-2
-1
0
1
f (10 MHz/DIV)
-120
-100
-80
-60
-40
-20
0
20
40
60
GAIN
PHASE
1.1V
0.5V
0V
-0.5V
AVMAX = 100
PIN = -42dBm
SEE NOTE 12
0
50M
100M
f (25 MHz/DIV)
0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-270
-225
-180
-135
-90
-45
45
90
135
180
2
3
225
270
GAIN
PHASE
VOUT = 5VPP
100
10
2
750
1k
2.4k
AVMAX
RF(k:)
SEE NOTE 12
100
10
2
LMH6503
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
www.ti.com
Typical Performance Charateristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VG_MAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output:
Frequency Response for Various VG (AVMAX = 100)
Large Signal Frequency Response
(Small Signal)
Figure 10.
Figure 11.
Frequency Response for Various VG (AVMAX = 100)
(Large Signal)
Gain Control Frequency Response
Figure 12.
Figure 13.
IS vs. VS
IS vs. VS
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6503


Numéro de pièce similaire - LMH6503

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503 TI-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503MA NSC-LMH6503MA Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503MA TI-LMH6503MA Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results

Description similaire - LMH6503

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com