Moteur de recherche de fiches techniques de composants électroniques |
|
TPSC107M002S0100 Fiches technique(PDF) 8 Page - AVX Corporation |
|
TPSC107M002S0100 Fiches technique(HTML) 8 Page - AVX Corporation |
8 / 11 page TPS Series Low ESR RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR 100kHz RMS Current (A) 100kHz RMS Voltage (V) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC TPSD476*016#0100 D 47 16 7.5 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD476*016#0150 D 47 16 7.5 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSD476*016#0200 D 47 16 7.5 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 TPSW476*016#0200 W 47 16 7.5 6 200 1 0.671 0.604 0.268 0.134 0.121 0.054 TPSX476*016#0180 X 47 16 7.5 6 180 1 1) 0.745 0.671 0.298 0.134 0.121 0.054 TPSY476*016#0250 Y 47 16 7.5 6 250 1 1) 0.707 0.636 0.283 0.177 0.159 0.071 TPSC686*016#0125 C 68 16 10.9 6 125 1 0.938 0.844 0.375 0.117 0.106 0.047 TPSC686*016#0200 C 68 16 10.9 6 200 1 0.742 0.667 0.297 0.148 0.133 0.059 TPSD686*016#0070 D 68 16 10.9 6 70 1 1.464 1.317 0.586 0.102 0.092 0.041 TPSD686*016#0100 D 68 16 10.9 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD686*016#0150 D 68 16 10.9 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSF686*016#0200 F 68 16 10.9 10 200 1 0.707 0.636 0.283 0.141 0.127 0.057 TPSX686*016#0150 X 68 16 10.9 8 150 1 1) 0.816 0.735 0.327 0.122 0.110 0.049 TPSY686*016#0150 Y 68 16 10.9 6 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 TPSY686*016#0200 Y 68 16 10.9 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 TPSY686*016#0250 Y 68 16 10.9 6 250 1 1) 0.707 0.636 0.283 0.177 0.159 0.071 TPSC107*016#0200 C 100 16 16 8 200 1 0.742 0.667 0.297 0.148 0.133 0.059 TPSD107*016#0060 D 100 16 16 6 60 1 1.581 1.423 0.632 0.095 0.085 0.038 TPSD107*016#0100 D 100 16 16 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD107*016#0125 D 100 16 16 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 TPSD107*016#0150 D 100 16 16 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSE107*016#0055 E 100 16 16 6 55 1 1) 1.732 1.559 0.693 0.095 0.086 0.038 TPSE107*016#0100 E 100 16 16 6 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSE107*016#0125 E 100 16 16 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 TPSE107*016#0150 E 100 16 16 6 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 TPSF107M016#0150 F 100 16 16 10 150 1 0.816 0.735 0.327 0.122 0.110 0.049 TPSF107M016#0200 F 100 16 16 10 200 1 0.707 0.636 0.283 0.141 0.127 0.057 TPSY107*016#0100 Y 100 16 16 8 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSY107*016#0150 Y 100 16 16 8 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 TPSY107*016#0200 Y 100 16 16 8 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 TPSD157*016#0060 D 150 16 24 6 60 1 1.581 1.423 0.632 0.095 0.085 0.038 TPSD157*016#0085 D 150 16 24 6 85 1 1.328 1.196 0.531 0.113 0.102 0.045 TPSD157*016#0100 D 150 16 24 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD157*016#0125 D 150 16 24 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 TPSD157*016#0150 D 150 16 24 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSE157*016#0100 E 150 16 23 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSV157*016#0045 V 150 16 24 8 45 1 1) 2.357 2.121 0.943 0.106 0.095 0.042 TPSV157*016#0075 V 150 16 24 8 75 1 1) 1.826 1.643 0.730 0.137 0.123 0.055 TPSY157M016#0200 Y 150 16 24 15 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 TPSE227*016#0100 E 220 16 35.2 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSE227*016#0150 E 220 16 35.2 10 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 TPSV227*016#0050 V 220 16 35.2 8 50 1 1) 2.236 2.012 0.894 0.112 0.101 0.045 TPSV227*016#0075 V 220 16 35.2 8 75 1 1) 1.826 1.643 0.730 0.137 0.123 0.055 TPSV227*016#0100 V 220 16 35.2 8 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 TPSV227*016#0150 V 220 16 35.2 8 150 1 1) 1.291 1.162 0.516 0.194 0.174 0.077 TPSE337M016#0200 E 330 16 52.8 30 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 20 Volt @ 85ºC (13 Volt @ 125ºC) TPSA105*020#3000 A 1 20 0.5 4 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 TPSR105*020#6000 R 1 20 0.5 4 6000 1 0.096 0.086 0.038 0.574 0.517 0.230 TPSS105*020#6000 S 1 20 0.5 4 6000 1 0.104 0.094 0.042 0.624 0.562 0.250 TPST105*020#2000 T 1 20 0.5 4 2000 1 0.200 0.180 0.080 0.400 0.360 0.160 TPSA155*020#3000 A 1.5 20 0.5 6 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 TPSA225*020#3000 A 2.2 20 0.5 6 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 TPSA335*020#2500 A 3.3 20 0.7 6 2500 1 0.173 0.156 0.069 0.433 0.390 0.173 TPSB225*020#1700 B 2.2 20 0.5 6 1700 1 0.224 0.201 0.089 0.380 0.342 0.152 TPSB335*020#1300 B 3.3 20 0.7 6 1300 1 0.256 0.230 0.102 0.332 0.299 0.133 TPSA475*020#1800 A 4.7 20 0.9 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 TPSB475*020#0750 B 4.7 20 0.9 6 750 1 0.337 0.303 0.135 0.252 0.227 0.101 TPSB475*020#1000 B 4.7 20 0.9 6 1000 1 0.292 0.262 0.117 0.292 0.262 0.117 TPSA685*020#1000 A 6.8 20 1.4 6 1000 1 0.274 0.246 0.110 0.274 0.246 0.110 TPSB685*020#0600 B 6.8 20 1.4 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 TPSB685*020#1000 B 6.8 20 1.4 6 1000 1 0.292 0.262 0.117 0.292 0.262 0.117 TPSC685*020#0700 C 6.8 20 1.4 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 TPSB106*020#0500 B 10 20 2 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 TPSB106*020#1000 B 10 20 2 6 1000 1 0.292 0.262 0.117 0.292 0.262 0.117 TPSC106*020#0500 C 10 20 2 6 500 1 0.469 0.422 0.188 0.235 0.211 0.094 TPSC106*020#0700 C 10 20 2 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting. For typical weight and composition see page 120. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 37 |
Numéro de pièce similaire - TPSC107M002S0100 |
|
Description similaire - TPSC107M002S0100 |