Moteur de recherche de fiches techniques de composants électroniques |
|
TPSC107K002S0100 Fiches technique(PDF) 5 Page - AVX Corporation |
|
TPSC107K002S0100 Fiches technique(HTML) 5 Page - AVX Corporation |
5 / 11 page TPS Series Low ESR RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR 100kHz RMS Current (A) 100kHz RMS Voltage (V) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC TPSD337*006#0070 D 330 6.3 20.8 8 70 1 1.464 1.317 0.586 0.102 0.092 0.041 TPSD337*006#0100 D 330 6.3 20.8 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSE337*006#0050 E 330 6.3 20.8 8 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 TPSE337*006#0100 E 330 6.3 20.8 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSE337*006#0125 E 330 6.3 20.8 8 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 TPSE337*006#0150 E 330 6.3 20.8 8 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 TPSV337*006#0100 V 330 6.3 20.8 8 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 TPSY337*006#0100 Y 330 6.3 20.8 12 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSY337*006#0150 Y 330 6.3 20.8 12 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 TPSD477*006#0045 D 470 6.3 29.6 12 45 1 1.826 1.643 0.730 0.082 0.074 0.033 TPSD477*006#0060 D 470 6.3 29.6 12 60 1 1.581 1.423 0.632 0.095 0.085 0.038 TPSD477*006#0100 D 470 6.3 29.6 12 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD477*006#0200 D 470 6.3 29.6 12 200 1 0.866 0.779 0.346 0.173 0.156 0.069 TPSE477*006#0045 E 470 6.3 29.6 10 45 1 1) 1.915 1.723 0.766 0.086 0.078 0.034 TPSE477*006#0050 E 470 6.3 29.6 10 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 TPSE477*006#0060 E 470 6.3 29.6 10 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 TPSE477*006#0100 E 470 6.3 29.6 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSE477*006#0200 E 470 6.3 29.6 10 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 TPSV477*006#0040 V 470 6.3 29.6 10 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 TPSV477*006#0055 V 470 6.3 29.6 10 55 1 1) 2.132 1.919 0.853 0.117 0.106 0.047 TPSV477*006#0100 V 470 6.3 29.6 10 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 TPSY477*006#0150 Y 470 6.3 28.2 20 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 TPSE687*006#0045 E 680 6.3 42.8 10 45 1 1) 1.915 1.723 0.766 0.086 0.078 0.034 TPSE687*006#0060 E 680 6.3 42.8 10 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 TPSE687*006#0100 E 680 6.3 42.8 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSV687*006#0035 V 680 6.3 42.8 14 35 1 1) 2.673 2.405 1.069 0.094 0.084 0.037 TPSV687*006#0040 V 680 6.3 42.8 10 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 TPSV687*006#0050 V 680 6.3 42.8 10 50 1 1) 2.236 2.012 0.894 0.112 0.101 0.045 TPSE108M006#0100 E 1000 6.3 60 20 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSV108M006#0040 V 1000 6.3 60 16 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 TPSV108M006#0050 V 1000 6.3 60 16 50 1 1) 2.236 2.012 0.894 0.112 0.101 0.045 10 Volt @ 85ºC (7 Volt @ 125ºC) TPSR105*010#9000 R 1 10 0.5 4 9000 1 0.078 0.070 0.031 0.704 0.633 0.281 TPSA225*010#1800 A 2.2 10 0.5 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 TPST335*010#1500 T 3.3 10 0.5 6 1500 1 0.231 0.208 0.092 0.346 0.312 0.139 TPSA475*010#1400 A 4.7 10 0.5 6 1400 1 0.231 0.208 0.093 0.324 0.292 0.130 TPSR475*010#3000 R 4.7 10 0.5 6 3000 1 0.135 0.122 0.054 0.406 0.366 0.162 TPSR475*010#5000 R 4.7 10 0.5 6 5000 1 0.105 0.094 0.042 0.524 0.472 0.210 TPSA685*010#1800 A 6.8 10 0.7 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 TPST685*010#1800 T 6.8 10 0.7 6 1800 1 0.211 0.190 0.084 0.379 0.342 0.152 TPSA106*010#0900 A 10 10 1 6 900 1 0.289 0.260 0.115 0.260 0.234 0.104 TPSA106*010#1800 A 10 10 1 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 TPSP106M010#2000 P 10 10 1 8 2000 1 0.173 0.156 0.069 0.346 0.312 0.139 TPST106*010#1000 T 10 10 1 6 1000 1 0.283 0.255 0.113 0.283 0.255 0.113 TPST106*010#2000 T 10 10 1 6 2000 1 0.200 0.180 0.080 0.400 0.360 0.160 TPSA156*010#1000 A 15 10 1.5 6 1000 1 0.274 0.246 0.110 0.274 0.246 0.110 TPSB156*010#0450 B 15 10 1.5 6 450 1 0.435 0.391 0.174 0.196 0.176 0.078 TPSB156*010#0600 B 15 10 1.5 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 TPST156*010#1200 T 15 10 1.5 8 1200 1 0.258 0.232 0.103 0.310 0.279 0.124 TPSB226*010#0400 B 22 10 2.2 6 400 1 0.461 0.415 0.184 0.184 0.166 0.074 TPSB226*010#0500 B 22 10 2.2 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 TPSB226*010#0700 B 22 10 2.2 6 700 1 0.348 0.314 0.139 0.244 0.220 0.098 TPSC226*010#0300 C 22 10 2.2 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 TPST226*010#0800 T 22 10 2.2 8 800 1 0.316 0.285 0.126 0.253 0.228 0.101 TPSA336*010#0700 A 33 10 3.3 8 700 1 0.327 0.295 0.131 0.229 0.206 0.092 TPSB336*010#0250 B 33 10 3.3 6 250 1 0.583 0.525 0.233 0.146 0.131 0.058 TPSB336*010#0425 B 33 10 3.3 6 425 1 0.447 0.402 0.179 0.190 0.171 0.076 TPSB336*010#0500 B 33 10 3.3 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 TPSB336*010#0650 B 33 10 3.3 6 650 1 0.362 0.325 0.145 0.235 0.212 0.094 TPSC336*010#0150 C 33 10 3.3 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 TPSC336*010#0375 C 33 10 3.3 6 375 1 0.542 0.487 0.217 0.203 0.183 0.081 TPSC336*010#0500 C 33 10 3.3 6 500 1 0.469 0.422 0.188 0.235 0.211 0.094 TPSW336*010#0350 W 33 10 3.3 6 350 1 0.507 0.456 0.203 0.177 0.160 0.071 TPSB476*010#0250 B 47 10 4.7 8 250 1 0.583 0.525 0.233 0.146 0.131 0.058 TPSB476*010#0350 B 47 10 4.7 8 350 1 0.493 0.444 0.197 0.172 0.155 0.069 TPSB476*010#0500 B 47 10 4.7 8 500 1 0.412 0.371 0.165 0.206 0.186 0.082 TPSB476*010#0650 B 47 10 4.7 8 650 1 0.362 0.325 0.145 0.235 0.212 0.094 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting. For typical weight and composition see page 124. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 34 |
Numéro de pièce similaire - TPSC107K002S0100 |
|
Description similaire - TPSC107K002S0100 |