Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2587S-ADJ Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2587S-ADJ
Description  LM2587 SIMPLE SWITCHER 5A Flyback Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2587S-ADJ Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM2587S-ADJ Datasheet HTML 3Page - Texas Instruments LM2587S-ADJ Datasheet HTML 4Page - Texas Instruments LM2587S-ADJ Datasheet HTML 5Page - Texas Instruments LM2587S-ADJ Datasheet HTML 6Page - Texas Instruments LM2587S-ADJ Datasheet HTML 7Page - Texas Instruments LM2587S-ADJ Datasheet HTML 8Page - Texas Instruments LM2587S-ADJ Datasheet HTML 9Page - Texas Instruments LM2587S-ADJ Datasheet HTML 10Page - Texas Instruments LM2587S-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LM2587
www.ti.com
SNVS115D – APRIL 2000 – REVISED APRIL 2013
LM2587-ADJ Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V.
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 8(1)
VOUT
Output Voltage
VIN = 4V to 10V
12.0
11.52/11.40
12.48/12.60
V
ILOAD = 300 mA to 1.2A
ΔVOUT/
Line Regulation
VIN = 4V to 10V
20
100/200
mV
ΔVIN
ILOAD = 300 mA
ΔVOUT/
Load Regulation
VIN = 10V
20
100/200
mV
ΔILOAD
ILOAD = 300 mA to 1.2A
η
Efficiency
VIN = 10V, ILOAD = 1A
90
%
UNIQUE DEVICE PARAMETERS(2)
VREF
Output Reference
Measured at Feedback Pin
1.230
1.208/1.205
1.252/1.255
V
Voltage
VCOMP = 1.0V
ΔVREF
Reference Voltage
VIN = 4V to 40V
1.5
mV
Line Regulation
GM
Error Amp
ICOMP = −30 μA to +30 μA
3.200
1.800
6.000
mmho
Transconductance
VCOMP = 1.0V
AVOL
Error Amp
VCOMP = 0.5V to 1.6V
670
400/200
V/V
Voltage Gain
RCOMP = 1.0 MΩ
(3)
IB
Error Amp
VCOMP = 1.0V
125
425/600
nA
Input Bias Current
(1)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM2587 is used as shown in Figure 7 and Figure 8, system performance will be as specified by the system parameters.
(2)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(3)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring AVOL.
All Output Voltage Versions Electrical Characteristics
(1)
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V.
Symbol
Parameters
Conditions
Typical
Min
Max
Units
IS
Input Supply Current
(Switch Off)
11
15.5/16.5
mA
See(2)
ISWITCH = 3.0A
85
140/165
mA
VUV
Input Supply
RLOAD = 100Ω
3.30
3.05
3.75
V
Undervoltage Lockout
fO
Oscillator Frequency
Measured at Switch Pin
RLOAD = 100Ω
100
85/75
115/125
kHz
VCOMP = 1.0V
fSC
Short-Circuit
Measured at Switch Pin
Frequency
RLOAD = 100Ω
25
kHz
VFEEDBACK = 1.15V
VEAO
Error Amplifier
Upper Limit
2.8
2.6/2.4
V
Output Swing
See(3)
Lower Limit
0.25
0.40/0.55
V
See(2)
IEAO
Error Amp
See(4)
Output Current
165
110/70
260/320
μA
(Source or Sink)
(1)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(2)
To measure this parameter, the feedback voltage is set to a high value, depending on the output version of the device, to force the error
amplifier output low. Adj: VFB = 1.41V; 3.3V: VFB = 3.80V; 5.0V: VFB = 5.75V; 12V: VFB = 13.80V.
(3)
To measure this parameter, the feedback voltage is set to a low value, depending on the output version of the device, to force the error
amplifier output high. Adj: VFB = 1.05V; 3.3V: VFB = 2.81V; 5.0V: VFB = 4.25V; 12V: VFB = 10.20V.
(4)
To measure the worst-case error amplifier output current, the LM2587 is tested with the feedback voltage set to its low value (specified
in Note 7) and at its high value (specified in Note 8).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2587


Numéro de pièce similaire - LM2587S-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2587S-ADJ NSC-LM2587S-ADJ Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2587S-ADJ NSC-LM2587S-ADJ Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
More results

Description similaire - LM2587S-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com