Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV640DL121RZIN Fiches technique(PDF) 9 Page - Advanced Micro Devices |
|
AM29LV640DL121RZIN Fiches technique(HTML) 9 Page - Advanced Micro Devices |
9 / 57 page 8 Am29LV640D/Am29LV641D September 20, 2002 CONNECTION DIAGRAMS Special Handling Instructions for FBGA/fBGA Packages Special handling is required for Flash Memory products in BGA packages. Flash memory devices in BGA packages may be damaged if exposed to ultrasonic cleaning methods. The package and/or data integrity may be compromised if the package body is exposed to temperatures above 150 °C for prolonged periods of time. B3 C3 D3 E3 F3 G3 H3 B4 C4 D4 E4 F4 G4 H4 B5 C5 D5 E5 F5 G5 H5 B6 C6 D6 E6 F6 G6 H6 B7 C7 D7 E7 F7 G7 H7 B8 C8 D8 E8 F8 G8 H8 RFU RFU RFU VSS VIO RFU RFU VSS DQ15 NC A16 A15 A14 A12 DQ6 DQ13 DQ14 DQ7 A11 A10 A8 DQ4 VCC DQ12 DQ5 A19 A21 RESET# DQ3 DQ11 DQ10 DQ2 A20 A18 ACC DQ1 DQ9 DQ8 DQ0 A5 A6 A17 A3 A4 A5 A6 A7 A8 RFU A13 A9 WE# RY/BY# A7 B2 C2 D2 E2 F2 G2 H2 VSS OE# CE# A0 A1 A2 A4 A2 A3 B1 C1 D1 E1 F1 G1 H1 RFU RFU VIO RFU RFU RFU RFU A1 RFU 64-Ball Fortified BGA ( FBGA) Top View, Balls Facing Down (Am29LV640DU only) |
Numéro de pièce similaire - AM29LV640DL121RZIN |
|
Description similaire - AM29LV640DL121RZIN |