Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25007SDXh Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM25007SDXh
Description  LM25007 42V, 0.5A Step-Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM25007SDXh Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM25007SDXh Datasheet HTML 4Page - Texas Instruments LM25007SDXh Datasheet HTML 5Page - Texas Instruments LM25007SDXh Datasheet HTML 6Page - Texas Instruments LM25007SDXh Datasheet HTML 7Page - Texas Instruments LM25007SDXh Datasheet HTML 8Page - Texas Instruments LM25007SDXh Datasheet HTML 9Page - Texas Instruments LM25007SDXh Datasheet HTML 10Page - Texas Instruments LM25007SDXh Datasheet HTML 11Page - Texas Instruments LM25007SDXh Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
+
FB
REF
2.5V
SW
L
R3
R4
R5
VIN
LM25007
COUT
VOUT
LM25007
SNVS401C – JANUARY 2006 – REVISED FEBRUARY 2013
www.ti.com
For applications where lower output voltage ripple is required the load can be connected directly to the low ESR
output capacitor, as shown in Figure 6. The series resistor (R5) will degrade the load regulation. Another
technique for enhancing the ripple voltage at the FB pin is to place a capacitor in parallel with the feedback
divider resistor R3. The addition of the capacitor reduces the attenuation of the ripple voltage from the feedback
divider.
High Voltage Bias Regulator (VCC)
The LM25007 contains an internal high voltage bias regulator. The input pin (Vin) can be connected directly to
line voltages from 9 to 42 Volts. To avoid supply voltage transients due to long lead inductances on the input pin
(VIN), it is always recommended to connect a low ESR ceramic chip capacitor (
≊ 0.1µF) between VIN and RTN
pins located close to the LM25007. The regulator is internally current limited to 11mA. Upon power up, the
regulator is enabled and sources current into an external capacitor connected to the VCC pin. When the voltage
on the VCC pin reaches its UVLO level (6.3V), the controller output is enabled.
An external auxiliary supply voltage can be diode connected to the Vcc pin. If the auxiliary voltage is greater than
7 Volts the internal regulator will shutoff, thus reducing internal power dissipation. Do not exceed 14V at VCC.
See Figure 7.
Figure 6. Low Ripple Output Configuration
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM25007


Numéro de pièce similaire - LM25007SDXh

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM25007SDX NSC-LM25007SDX Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007SDX NSC-LM25007SDX Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007SDX/NOPB TI1-LM25007SDX/NOPB Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results

Description similaire - LM25007SDXh

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
   0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com