Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM27313XMF Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM27313XMF
Description  LM27313/LM27313-Q1
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM27313XMF Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM27313XMF Datasheet HTML 7Page - Texas Instruments LM27313XMF Datasheet HTML 8Page - Texas Instruments LM27313XMF Datasheet HTML 9Page - Texas Instruments LM27313XMF Datasheet HTML 10Page - Texas Instruments LM27313XMF Datasheet HTML 11Page - Texas Instruments LM27313XMF Datasheet HTML 12Page - Texas Instruments LM27313XMF Datasheet HTML 13Page - Texas Instruments LM27313XMF Datasheet HTML 14Page - Texas Instruments LM27313XMF Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM27313
www.ti.com
SNVS487D – DECEMBER 2006 – REVISED APRIL 2013
Figure 16. Max. Load Current vs VIN
DESIGN PARAMETERS VSW AND ISW
The value of the FET "ON" voltage (referred to as VSW in the equations) is dependent on load current. A good
approximation can be obtained by multiplying the "ON Resistance" of the FET times the average inductor
current.
FET on resistance increases at VIN values below 5V, since the internal N-FET has less gate voltage in this input
voltage range (see Typical Performance Characteristics curves). Above VIN = 5V, the FET gate voltage is
internally clamped to 5V.
The maximum peak switch current the device can deliver is dependent on duty cycle. The minimum switch
current value (ISW) is ensured to be at least 800 mA at duty cycles below 50%. For higher duty cycles, see
Typical Performance Characteristics curves.
THERMAL CONSIDERATIONS
At higher duty cycles, the increased ON time of the FET means the maximum output current will be determined
by power dissipation within the LM27313 FET switch. The switch power dissipation from ON-state conduction is
calculated by:
PSW = DC x IIND(AVG)
2 x R
DS(ON)
(13)
There will be some switching losses as well, so some derating needs to be applied when calculating IC power
dissipation.
MINIMUM INDUCTANCE
In some applications where the maximum load current is relatively small, it may be advantageous to use the
smallest possible inductance value for cost and size savings. The converter will operate in discontinuous mode in
such a case.
The minimum inductance should be selected such that the inductor (switch) current peak on each cycle does not
reach the 800 mA current limit maximum. To understand how to do this, an example will be presented.
In this example, the LM27313 nominal switching frequency is 1.6 MHz, and the minimum switching frequency is
1.15 MHz. This means the maximum cycle period is the reciprocal of the minimum frequency:
TON(max) = 1/1.15M = 0.870 µs
(14)
We will assume: VIN = 5V, VOUT = 12V, VSW = 0.2V, and VDIODE = 0.3V. The duty cycle is:
Duty Cycle = ((12V + 0.3V - 5V) / (12V + 0.3V - 0.2V)) = 60.3%
(15)
Therefore, the maximum switch ON time is:
(60.3% x 0.870 µs) = 0.524 µs
(16)
An inductor should be selected with enough inductance to prevent the switch current from reaching 800 mA in
the 0.524 µs ON time interval (see Figure 17):
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM27313


Numéro de pièce similaire - LM27313XMF

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM27313XMF NSC-LM27313XMF Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313XMF/NOPB TI-LM27313XMF/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313XMFX NSC-LM27313XMFX Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313XMFX/NOPB TI-LM27313XMFX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
More results

Description similaire - LM27313XMF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM27313 TI-LM27313_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
TDA4VH-Q1 TI-TDA4VH-Q1_V01 Datasheet
5Mb / 297P
[Old version datasheet]   TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TDA4VH-Q1 TI-TDA4VH-Q1 Datasheet
5Mb / 296P
[Old version datasheet]   TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
LM2901-Q1 TI-LM2901-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TMP61-Q1 TI1-TMP61-Q1_V02 Datasheet
1Mb / 34P
[Old version datasheet]   TMP61-Q1
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com