Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2597HVM-5.0 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LM2597HVM-5.0
Description  LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2597HVM-5.0 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM2597HVM-5.0 Datasheet HTML 3Page - Texas Instruments LM2597HVM-5.0 Datasheet HTML 4Page - Texas Instruments LM2597HVM-5.0 Datasheet HTML 5Page - Texas Instruments LM2597HVM-5.0 Datasheet HTML 6Page - Texas Instruments LM2597HVM-5.0 Datasheet HTML 7Page - Texas Instruments LM2597HVM-5.0 Datasheet HTML 8Page - Texas Instruments LM2597HVM-5.0 Datasheet HTML 9Page - Texas Instruments LM2597HVM-5.0 Datasheet HTML 10Page - Texas Instruments LM2597HVM-5.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LM2597, LM2597HV
www.ti.com
SNVS119C – MARCH 1998 – REVISED APRIL 2013
All Output Voltage Versions
Electrical Characteristics
(continued)
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the
12V version. ILOAD = 100 mA.
Symbol
Parameter
Conditions
LM2597/LM2597HV-XX
Units
(Limits)
Typ (1)
Limit (2)
FLAG/DELAY CONTROL Test Circuit of Figure 31
Regulator Dropout
Low (Flag ON)
96
%
Detector
92
%(min)
Threshold Voltage
98
%(max)
VFSAT
Flag Output Saturation
ISINK = 3 mA
0.3
V
Voltage
VDELAY = 0.5V
0.7/1.0
V(max)
IFL
Flag Output Leakage
VFLAG = 40V
0.3
μA
Current
Delay Pin Threshold
1.25
V
Voltage
Low (Flag ON)
1.21
V(min)
High (Flag OFF) and VOUT Regulated
1.29
V(max)
Delay Pin Source
VDELAY = 0.5V
3
μA
Current
6
μA(max)
Delay Pin Saturation
Low (Flag ON)
55
mV
350/400
mV(max)
BIAS SUPPLY
IBS
Bias Supply Pin Current
VBS = 2V
(9)
120
μA
400
μA(max)
VBS = 4.4V
(9)
4
mA
10
mA(max)
IQ
Operating Quiescent Current
VBS = 4.4V , Vin pin current
(9)
1
2
mA
(9)
Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the ADJ. version, and 15V for the 12V version, to force
the output transistor switch OFF.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2597 LM2597HV


Numéro de pièce similaire - LM2597HVM-5.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2597HVM-5.0 NSC-LM2597HVM-5.0 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597HVM-5.0 TI1-LM2597HVM-5.0 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2597HVM-5.0 TI-LM2597HVM-5.0 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2597HVM-5.0/NOPB TI1-LM2597HVM-5.0/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

Description similaire - LM2597HVM-5.0

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2597HVM-ADJ TI-LM2597HVM-ADJ Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-ADJ TI1-LM2594N-ADJ Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com