Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX384-B5V1 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce BZX384-B5V1
Description  Voltage regulator diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX384-B5V1 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button BZX384-B5V1 Datasheet HTML 3Page - NXP Semiconductors BZX384-B5V1 Datasheet HTML 4Page - NXP Semiconductors BZX384-B5V1 Datasheet HTML 5Page - NXP Semiconductors BZX384-B5V1 Datasheet HTML 6Page - NXP Semiconductors BZX384-B5V1 Datasheet HTML 7Page - NXP Semiconductors BZX384-B5V1 Datasheet HTML 8Page - NXP Semiconductors BZX384-B5V1 Datasheet HTML 9Page - NXP Semiconductors BZX384-B5V1 Datasheet HTML 10Page - NXP Semiconductors BZX384-B5V1 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2004 Mar 22
8
NXP Semiconductors
Product data sheet
Voltage regulator diodes
BZX384 series
GRAPHICAL DATA
Fig.2
Maximum permissible non-repetitive peak
reverse power dissipation versus duration.
handbook, halfpage
MBG801
103
1
duration (ms)
PZSM
(W)
10
102
10−1
10
1
(1)
(2)
(1) Tj = 25 °C (prior to surge).
(2) Tj = 150 °C (prior to surge).
Fig.3
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
0.6
1
300
100
0
200
MBG781
0.8
VF (V)
IF
(mA)
Tj = 25 °C.
Fig.4
Temperature coefficient as a function of
working current; typical values.
handbook, halfpage
060
0
−2
−3
−1
MBG783
20
40
IZ (mA)
SZ
(mV/K)
4V3
3V9
3V6
3V0
2V4
2V7
3V3
BZX384-B/C2V4 to B/C4V3.
Tj = 25 to 150 °C.
Fig.5
Temperature coefficient as a function of
working current; typical values.
handbook, halfpage
020
16
10
0
−5
5
MBG782
48
12
IZ (mA)
SZ
(mV/K)
4V7
12
11
10
9V1
8V2
7V5
6V8
6V2
5V6
5V1
BZX384-B/C4V7 to B/C12.
Tj = 25 to 150 °C.


Numéro de pièce similaire - BZX384-B5V1

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
BZX384-B5V1 GE-BZX384-B5V1 Datasheet
386Kb / 8P
   BZX384
logo
NXP Semiconductors
BZX384-B5V1 PHILIPS-BZX384-B5V1 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B5V1 NXP-BZX384-B5V1 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B5V1 NXP-BZX384-B5V1 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B5V1 NXP-BZX384-B5V1 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
More results

Description similaire - BZX384-B5V1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com