Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCG084VGLAAANN-AN50 Fiches technique(PDF) 11 Page - Kyocera Kinseki Corpotation

No de pièce TCG084VGLAAANN-AN50
Description  8.4 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KSS [Kyocera Kinseki Corpotation]
Site Internet  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG084VGLAAANN-AN50 Fiches technique(HTML) 11 Page - Kyocera Kinseki Corpotation

Back Button TCG084VGLAAANN-AN50 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 10Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 11Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 12Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 13Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 14Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 15Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1YAE14-00
Part No.
TCG084VGLAAANN-AN50
Page
8
M303011
8. Input timing characteristics
8-1. Timing characteristics
Item
Symbol
Min
Typ
Max
Unit
Note
Clock
Frequency
1/Tc
(22.66)
(25.18)
(27.69)
MHz
Duty ratio
Tch/Tc
(40)
(50)
(60)
%
Data
Set up time
Tds
(5)
ns
Hold time
Tdh
(10)
ns
Horizontal sync.
signal
Cycle
TH
(30.0)
(31.8)
μs
(770)
(800)
(850)
clock
Pulse width
THp
(2)
(96)
(200)
clock
Vertical sync.
signal
Cycle
TV
(515)
(525)
(560)
line
Pulse width
TVp
(2)
(34)
line
Horizontal display period
THd
640
clock
Hsync,-Clock phase difference
THc
(10)
Tc-10
ns
Hsync-Vsync. phase difference
TVh
2Tc
TH-THp-1
ns
Vertical sync. signal start position
TVs
(34)
line
Vertical display period
TVd
480
line
1) In case of lower frequency, the deterioration of the display quality, flicker etc., may occur.
8-2. Horizontal display position
Item
Symbol
Min
Typ
Max
Unit
Note
Enable signal
Set up time
Tes
(5)
Tc-10
ns
Pulse width
Tep
(2)
640
TH-10
clock
HSYNC – Enable signal phase difference
The
(44)
TH-664
clock
1) When ENAB is fixed at "Low", the display starts from the data of C104(clock) as shown in 8-5.
2) The horizontal display position is determined by ENAB signal.
8-3. Vertical display position
1) The vertical display position (TVs) is 34th line.
2) ENAB signal is independent of vertical display position.


Numéro de pièce similaire - TCG084VGLAAANN-AN50

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
TCG084VGLAAANN-AN50 KSS-TCG084VGLAAANN-AN50 Datasheet
3Mb / 8P
   Display the Difference
More results

Description similaire - TCG084VGLAAANN-AN50

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
TCG084VGLAAANN-AN00 KSS-TCG084VGLAAANN-AN00 Datasheet
363Kb / 21P
   8.4 inch VGA transmissive color TFT with LED backlight
TCG084VGLACANN-AN00 KSS-TCG084VGLACANN-AN00 Datasheet
559Kb / 22P
   8.4 inch VGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN20 KSS-TCG084SVLPAANN-AN20 Datasheet
545Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG084SVLQAPNN-AN20 KSS-TCG084SVLQAPNN-AN20 Datasheet
684Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN30 KSS-TCG084SVLPAANN-AN30 Datasheet
651Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG057VGLAAANN-GN20 KSS-TCG057VGLAAANN-GN20 Datasheet
691Kb / 20P
   5.7 inch VGA transmissive color TFT with LED backlight
TCG104VGLAAANN-AN00 KSS-TCG104VGLAAANN-AN00 Datasheet
346Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104VGLABANN-AN50 KSS-TCG104VGLABANN-AN50 Datasheet
363Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104VGLPEANN-AN60 KSS-TCG104VGLPEANN-AN60 Datasheet
560Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG057VGLBA-G20 KSS-TCG057VGLBA-G20 Datasheet
451Kb / 23P
   5.7 inch VGA transmissive color TFT with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com