Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCG084VGLAAANN-AN50 Fiches technique(PDF) 1 Page - Kyocera Kinseki Corpotation

No de pièce TCG084VGLAAANN-AN50
Description  8.4 inch VGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KSS [Kyocera Kinseki Corpotation]
Site Internet  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG084VGLAAANN-AN50 Fiches technique(HTML) 1 Page - Kyocera Kinseki Corpotation

  TCG084VGLAAANN-AN50 Datasheet HTML 1Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 2Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 3Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG084VGLAAANN-AN50 Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1YAE14-00
SPEC
Date
December 12, 2011
TYPE :
TCG084VGLAAANN-AN50
< 8.4 inch VGA transmissive color TFT
with LED backlight>
KYOCERA CORPORATION
LCD DIVISION
This specification is subject to change without notice.
Consult Kyocera before ordering.
Original
Issue Date
Designed by: Engineering dept.
Confirmed by: QA dept.
Prepared
Checked
Approved
Checked
Approved
December 12, 2011
CONTENTS
1. Application
2. Construction and outline
3. Mechanical specifications
4. Absolute maximum ratings
5. Electrical characteristics
6. Optical characteristics
7. Interface signals
8. Input timing characteristics
9. Backlight characteristics
10. Lot number identification
11. Warranty
12. Precautions for use
13. Reliability test data
14. Outline drawing
Dec 21, 2011


Numéro de pièce similaire - TCG084VGLAAANN-AN50

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
TCG084VGLAAANN-AN50 KSS-TCG084VGLAAANN-AN50 Datasheet
3Mb / 8P
   Display the Difference
More results

Description similaire - TCG084VGLAAANN-AN50

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
TCG084VGLAAANN-AN00 KSS-TCG084VGLAAANN-AN00 Datasheet
363Kb / 21P
   8.4 inch VGA transmissive color TFT with LED backlight
TCG084VGLACANN-AN00 KSS-TCG084VGLACANN-AN00 Datasheet
559Kb / 22P
   8.4 inch VGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN20 KSS-TCG084SVLPAANN-AN20 Datasheet
545Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG084SVLQAPNN-AN20 KSS-TCG084SVLQAPNN-AN20 Datasheet
684Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN30 KSS-TCG084SVLPAANN-AN30 Datasheet
651Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG057VGLAAANN-GN20 KSS-TCG057VGLAAANN-GN20 Datasheet
691Kb / 20P
   5.7 inch VGA transmissive color TFT with LED backlight
TCG104VGLAAANN-AN00 KSS-TCG104VGLAAANN-AN00 Datasheet
346Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104VGLABANN-AN50 KSS-TCG104VGLABANN-AN50 Datasheet
363Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104VGLPEANN-AN60 KSS-TCG104VGLPEANN-AN60 Datasheet
560Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG057VGLBA-G20 KSS-TCG057VGLBA-G20 Datasheet
451Kb / 23P
   5.7 inch VGA transmissive color TFT with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com