Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCG062HVLDA-G20 Fiches technique(PDF) 11 Page - Kyocera Kinseki Corpotation

No de pièce TCG062HVLDA-G20
Description  6.2 inch HVGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KSS [Kyocera Kinseki Corpotation]
Site Internet  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG062HVLDA-G20 Fiches technique(HTML) 11 Page - Kyocera Kinseki Corpotation

Back Button TCG062HVLDA-G20 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 10Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 11Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 12Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 13Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 14Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 15Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Spec No.
TQ3C-8EAF0-E1DEY15-00
Part No.
TCG062HVLDA-G20
Page
8
M628090
8-3. Vertical display position
1) The vertical display position (TVs) is 34th line.
2) ENAB signal is independent of vertical display position.
8-4. Input Data Signals and Display position on the screen
8-5. Input timing characteristics
1) When ENAB is fixed at ”Low”, the display starts from the data of C104(Clock).
2) The vertical display position(TVs) is fixed at 34th line.
D2,DH2
D3,DH1
D3,DH2
D1,DH240 D2,DH240 D3,DH240
D1,DH1
D1,DH2
D2,DH1
D640,DH1
BG
Horizontal
sync.
Signal
(Hsync)
THp
TH
THc
Tch
Tcl
Tds
Tdh
D1
D2
D640
Vertical invalid data period
The
Tes
THd
Tep
TVp
TVh
TVs
TV
TVd
DH1
DH2
DH240
Clock
signal(CK)
Data signal
(R0∼R5,G0∼G5,
B0∼B5)
Data Enable signal
(ENAB)
Vertical sync.
Signal(Vsync)
Horizontal
sync.
(Hsync)
Data signal
(R0∼R5,G0∼G5,
B0∼B5)
7Vertical invalid data period
Number of H-data
C1
C2
CN
1)
1line
Nline
2)
…………
…………………………………
2line
0.7VDD
0.3VDD
0.7VDD
0.3VDD
0.3VDD
0.3VDD
0.3VDD
0.3VDD
0.7VDD
0.7VDD
0.7VDD
0.7VDD
0.7VDD
0.3VDD
0.3VDD
0.3VDD
0.7VDD
0.3VDD
0.7VDD
Tc
Horizontal invalid period
Horizontal invalid data period


Numéro de pièce similaire - TCG062HVLDA-G20

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
TCG062HVLDA-G20 KSS-TCG062HVLDA-G20 Datasheet
3Mb / 8P
   Display the Difference
More results

Description similaire - TCG062HVLDA-G20

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
TCG062HVLQAVNN-GN20 KSS-TCG062HVLQAVNN-GN20 Datasheet
576Kb / 21P
   6.2 inch HVGA transmissive color TFT with LED backlight
TCG121XGLPBPNN-AN40 KSS-TCG121XGLPBPNN-AN40 Datasheet
513Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
T-55787GD104J-LW-AGN KSS-T-55787GD104J-LW-AGN Datasheet
629Kb / 26P
   10.4 inch SVGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
February 24, 2014
TCG035QVLPDANN-GN50 KSS-TCG035QVLPDANN-GN50 Datasheet
406Kb / 22P
   3.5 inch QVGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN30 KSS-TCG084SVLPAANN-AN30 Datasheet
651Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG121XGLPAPNN-AN20 KSS-TCG121XGLPAPNN-AN20 Datasheet
539Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight
TCG104VGLAAANN-AN00 KSS-TCG104VGLAAANN-AN00 Datasheet
346Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG035QVLPAANN-AN00 KSS-TCG035QVLPAANN-AN00 Datasheet
444Kb / 23P
   3.5 inch QVGA transmissive color TFT with LED backlight
TCG104VGLABANN-AN50 KSS-TCG104VGLABANN-AN50 Datasheet
363Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG057QVLBA-G20 KSS-TCG057QVLBA-G20 Datasheet
466Kb / 23P
   5.7 inch QVGA transmissive color TFT with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com