Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT4051BQ Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
74HCT4051BQ Fiches technique(HTML) 2 Page - NXP Semiconductors |
2 / 31 page 74HC_HCT4051 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 7 — 19 July 2012 2 of 31 NXP Semiconductors 74HC4051; 74HCT4051 8-channel analog multiplexer/demultiplexer 4. Ordering information 5. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC4051N 40 C to +125 C DIP16 plastic dual in-line package; 16 leads (300 mil) SOT38-4 74HCT4051N 74HC4051D 40 C to +125 C SO16 plastic small outline package; 16 leads; body width 3.9 mm SOT109-1 74HCT4051D 74HC4051DB 40 C to +125 C SSOP16 plastic shrink small outline package; 16 leads; body width 5.3 mm SOT338-1 74HCT4051DB 74HC4051PW 40 C to +125 C TSSOP16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm SOT403-1 74HCT4051PW 74HC4051BQ 40 C to +125 C DHVQFN16 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 3.5 0.85 mm SOT763-1 74HCT4051BQ Fig 1. Functional diagram 001aad543 LOGIC LEVEL CONVERSION 11 16 VCC 13 Y0 S0 1-OF-8 DECODER 14 Y1 15 Y2 12 Y3 1Y4 5Y5 2Y6 4Y7 3Z 10 S1 9 S2 6 87 GND VEE E |
Numéro de pièce similaire - 74HCT4051BQ |
|
Description similaire - 74HCT4051BQ |