Moteur de recherche de fiches techniques de composants électroniques |
|
74HC595PW-Q100 Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
74HC595PW-Q100 Fiches technique(HTML) 2 Page - NXP Semiconductors |
2 / 23 page 74HC_HCT595_Q100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 10 April 2013 2 of 23 NXP Semiconductors 74HC595-Q100; 74HCT595-Q100 8-bit serial-in, serial or parallel-out shift register with output latches; 3-state 4. Ordering information 5. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC595D-Q100 40 C to +125 C SO16 plastic small outline package; 16 leads; body width 3.9 mm SOT109-1 74HCT595D-Q100 74HC595DB-Q100 40 C to +125 C SSOP16 plastic shrink small outline package; 16 leads; body width 5.3 mm SOT338-1 74HCT595DB-Q100 74HC595PW-Q100 40 C to +125 C TSSOP16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm SOT403-1 74HCT595PW-Q100 74HC595BQ-Q100 40 C to +125 C DHVQFN16 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 3.5 0.85 mm SOT763-1 74HCT595BQ-Q100 Fig 1. Functional diagram mna554 3-STATE OUTPUTS 8-BIT STORAGE REGISTER 8-STAGE SHIFT REGISTER Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q 7S 14 15 1 234567 9 DS SH CP ST CP OE 11 10 12 13 MR |
Numéro de pièce similaire - 74HC595PW-Q100 |
|
Description similaire - 74HC595PW-Q100 |