Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC244N Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74HC244N
Description  Octal buffer/line driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC244N Fiches technique(HTML) 3 Page - NXP Semiconductors

  74HC244N Datasheet HTML 1Page - NXP Semiconductors 74HC244N Datasheet HTML 2Page - NXP Semiconductors 74HC244N Datasheet HTML 3Page - NXP Semiconductors 74HC244N Datasheet HTML 4Page - NXP Semiconductors 74HC244N Datasheet HTML 5Page - NXP Semiconductors 74HC244N Datasheet HTML 6Page - NXP Semiconductors 74HC244N Datasheet HTML 7Page - NXP Semiconductors 74HC244N Datasheet HTML 8Page - NXP Semiconductors 74HC244N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74HC_HCT244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 24 September 2012
3 of 18
NXP Semiconductors
74HC244; 74HCT244
Octal buffer/line driver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 4.
Pin configuration DIP20, SO20, (T)SSOP20
Fig 5.
Pin configuration DHVQFN20
74HC244
74HCT244
1OE
VCC
1A0
2OE
2Y0
1Y0
1A1
2A0
2Y1
1Y1
1A2
2A1
2Y2
1Y2
1A3
2A2
2Y3
1Y3
GND
2A3
001aae011
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aae012
74HC244
74HCT244
Transparent top view
1Y3
1A3
2Y3
2A2
2Y2
1Y2
1A2
2A1
2Y1
1Y1
1A1
2A0
2Y0
1Y0
1A0
2OE
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
GND(1)
Table 2.
Pin description
Symbol
Pin
Description
1OE, 2OE
1, 19
output enable input (active LOW)
1A0, 1A1, 1A2, 1A3
2, 4, 6, 8
data input
2Y0, 2Y1, 2Y2, 2Y3
3, 5, 7, 9
bus output
GND
10
ground (0 V)
2A0, 2A1, 2A2, 2A3
17, 15, 13, 11
data input
1Y0, 1Y1, 1Y2, 1Y3
18, 16, 14, 12
bus output
VCC
20
supply voltage


Numéro de pièce similaire - 74HC244N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC244N PHILIPS-74HC244N Datasheet
39Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74HC244N PHILIPS-74HC244N Datasheet
127Kb / 22P
   Octal buffer/line driver; 3-state
Rev. 03-22 December 2005
74HC244N NXP-74HC244N Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74HC244N PHILIPS-74HC244N Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
74HC244N PHILIPS-74HC244N Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
More results

Description similaire - 74HC244N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com