Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R0.25S-0512 Fiches technique(PDF) 4 Page - Recom International Power

No de pièce R0.25S-0512
Description  Features
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECOM [Recom International Power]
Site Internet  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.25S-0512 Fiches technique(HTML) 4 Page - Recom International Power

  R0.25S-0512 Datasheet HTML 1Page - Recom International Power R0.25S-0512 Datasheet HTML 2Page - Recom International Power R0.25S-0512 Datasheet HTML 3Page - Recom International Power R0.25S-0512 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
4
REV:2/2011
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
3rd angle
projection
12 PIN Single and Dual SMD Package
Bottom View
0.55
Top View
Separation
> 3.8 mm
2
5
RECOM
R1S_R1D12-xxxx
xxxx
1
15.24
6.7
2.54x5
7.0
12.00
1.80
7
2
15
1.20
7
6
8
11
12
6
8
11
12
3
10
3
10
11.10
10.7
8.50
Recommended Footprint Details
Note: /H option is available in
this pin package
EMC Filtering - Suggestion for EN55022 Class B (Conducted and Emitted)
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
R0.25S** :** with marking 12 denotes 10 pins
out of 12 fitted (includes /H option)
e.g. R0.25S12-0505
R0.25S12-0505/H
R0.25S12-0505/HP
R0.25D** :** with marking 12 denotes 10 pins
out of 12 fitted (includes /H option)
e.g. R0.25D12-0505
R0.25D12-0505/H
R0.25D12-0505/HP
+
Output
C1
Input
470pF/4kVDC
L1
+
+Vout1
C1
Input
470pF/2kVDC
L1
-Vout1
+Vout2
-Vout2
470pF/2kVDC
R0.25S_R0.25D
Series
/P and /HP versions
C1
L1
Vin
2.2μF
3.3μH
3.3V
2.2μF
4.7μH
5V
2.2μF
10μH
9V
1.0μF
22μH
12V
1.0μF
22μH
15V
470nF
47μH
24V
C1 = MLCC
L1 = SMD Inductor
Standard and /H versions
C1
L1
Vin
2.2μF
3.3μH
3.3V
2.2μF
4.7μH
5V
2.2μF
10μH
9V
1.0μF
22μH
12V
1.0μF
22μH
15V
470nF
47μH
24V
+
+Vout
C1
Input
470pF/4kVDC
L1
-Vout
Com
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3NC
NC
5
–Vout
Com
6
NC
-Vout
7NC
NC
8
+Vout
+Vout
10
NC
NC
11
NC
NC
12
NC
NC
NC = No Connection


Numéro de pièce similaire - R0.25S-0512

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
R0.25S-3.305/E-R RECOM-R0.25S-3.305/E-R Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R0.25S-3.305/HE RECOM-R0.25S-3.305/HE Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R0.25S-D RECOM-R0.25S-D Datasheet
128Kb / 4P
   0.25 Watt SMD Single, Dual Independent Outputs
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
More results

Description similaire - R0.25S-0512

FabricantNo de pièceFiches techniqueDescription
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
   Features/Product Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
   FEATURES
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
   FEATURES
logo
Fairchild Semiconductor
SGH13N60UFD FAIRCHILD-SGH13N60UFD Datasheet
308Kb / 8P
   FEATURES
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Grayhill, Inc
22-3 GRAYHILL-22-3 Datasheet
36Kb / 1P
   TRANSISTOR SOCKET FEATURES LAMP SOCKET FEATURES
logo
Freescale Semiconductor...
MC9RS08KA8RM FREESCALE-MC9RS08KA8RM Datasheet
2Mb / 190P
   MC9RS08KA8 Features
logo
List of Unclassifed Man...
HEDS-8904 ETC2-HEDS-8904 Datasheet
237Kb / 1P
   Description Features
logo
GOOD-ARK Electronics
GDSSF2318E GOOD-ARK-GDSSF2318E_15 Datasheet
295Kb / 4P
   GENERAL FEATURES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com