Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV99LT1G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BAV99LT1G
Description  Dual Series Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV99LT1G Fiches technique(HTML) 2 Page - ON Semiconductor

  BAV99LT1G Datasheet HTML 1Page - ON Semiconductor BAV99LT1G Datasheet HTML 2Page - ON Semiconductor BAV99LT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV99LT1G, SBAV99LT1G, BAV99LT3G, SBAV99LT3G
http://onsemi.com
2
OFF CHARACTERISTICS (TA = 25°C unless otherwise noted) (Each Diode)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage,
(I(BR) = 100 mA)
V(BR)
100
Vdc
Reverse Voltage Leakage Current,
(VR = 100 Vdc)
(VR = 25 Vdc, TJ = 150°C)
(VR = 70 Vdc, TJ = 150°C)
IR
2.5
30
50
mAdc
Diode Capacitance,
(VR = 0, f = 1.0 MHz)
CD
1.5
pF
Forward Voltage,
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
715
855
1000
1250
mVdc
Reverse Recovery Time,
(IF = IR = 10 mAdc, iR(REC) = 1.0 mAdc) RL = 100 W
trr
6.0
ns
Forward Recovery Voltage,
(IF = 10 mA, tr = 20 ns)
VFR
1.75
V
CURVES APPLICABLE TO EACH DIODE
VF, FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
Figure 1. Forward Voltage
Figure 2. Leakage Current
Figure 3. Capacitance
0.1
1
10
100
1000
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
TA = 85°C
TA = 55°C
TA = 25°C
TA = −40°C
TA = −55°C
TA = 150°C
TA = 125°C
0.001
0.01
0.1
1.0
10
100
0
1020304050
60
70
TA = 85°C
TA = 55°C
TA = 125°C
TA = 150°C
TA = 25°C
0.45
0.47
0.49
0.51
0.53
0.55
0.57
0.59
0.61
012345678
VR, REVERSE VOLTAGE (V)
0
1.1 1.2


Numéro de pièce similaire - BAV99LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BAV99LT1G ONSEMI-BAV99LT1G Datasheet
76Kb / 4P
   Monolithic Dual Switching Diode
September, 2004 ??Rev. 3
BAV99LT1G ONSEMI-BAV99LT1G Datasheet
51Kb / 4P
   Dual Series Switching Diode
September, 2006 ??Rev. 4
BAV99LT1G ONSEMI-BAV99LT1G Datasheet
92Kb / 3P
   Dual Series Switching Diode
December, 2010 ??Rev. 7
BAV99LT1G ONSEMI-BAV99LT1G Datasheet
98Kb / 3P
   Dual Series Switching Diode
May, 2013 ??Rev. 9
BAV99LT1G ONSEMI-BAV99LT1G Datasheet
80Kb / 3P
   Dual Series Switching Diode
October, 2016 ??Rev. 12
More results

Description similaire - BAV99LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
   Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
   Dual series switching diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
   Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
   Dual Series Switching Diode
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
   Dual Series Switching Diode
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
   Dual Series Switching Diode
logo
ON Semiconductor
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
66Kb / 4P
   Dual Series Switching Diode
1997 REV 1
logo
WILLAS ELECTRONIC CORP
BAV99 WILLAS-BAV99 Datasheet
418Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G Datasheet
316Kb / 5P
   Dual Series Switching Diode
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
   Dual Series Switching Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com