Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SB01-15C Datasheet(Fiches technique) 3 Page - ON Semiconductor

Numéro de pièce SB01-15C
Description  Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB01-15C Datasheet(HTML) 3 Page - ON Semiconductor

  SB01-15C Datenblatt HTML 1Page - ON Semiconductor SB01-15C Datenblatt HTML 2Page - ON Semiconductor SB01-15C Datasheet HTML 3Page - ON Semiconductor SB01-15C Datenblatt HTML 4Page - ON Semiconductor SB01-15C Datenblatt HTML 5Page - ON Semiconductor SB01-15C Datenblatt HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SB01-15C
NoA0407-3/6
7 0.01
23
7 0.1
0
52
2
3
37 1.0
5
6
7
4
2
5
3
1
IT00278
IFSM -- t
IS
20ms
t
Time, t -- s
Current waveform 50Hz sine wave


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn