Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SB01-15C-TB-E Datasheet(Fiches technique) 2 Page - ON Semiconductor

Numéro de pièce SB01-15C-TB-E
Description  Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB01-15C-TB-E Datasheet(HTML) 2 Page - ON Semiconductor

  SB01-15C-TB-E Datenblatt HTML 1Page - ON Semiconductor SB01-15C-TB-E Datasheet HTML 2Page - ON Semiconductor SB01-15C-TB-E Datenblatt HTML 3Page - ON Semiconductor SB01-15C-TB-E Datenblatt HTML 4Page - ON Semiconductor SB01-15C-TB-E Datenblatt HTML 5Page - ON Semiconductor SB01-15C-TB-E Datenblatt HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SB01-15C
No.A0407-2/6
Electrical Characteristics at Ta=25C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=200?A
150
V
Forward Voltage
VF
IF=100mA
0.75
V
Reverse Current
IR
VR=75V
50
?A
Interterminal Capacitance
C
VR=10V, f=1MHz
7
pF
Reverse Recovery Time
trr
IF=IR=100mA, See speci?ed Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)1
420
C / W
Rth(j-a)2
Mounted in Cu-foiled area of 16mm20.2mm
on glass epoxy board
330
C / W
trr Test Circuit
Ordering Information
Duty
?10%
50
?
100
?
10
?
--5V
trr
10
?s
(3)
1.0
2
1.0
3
7
5
2
10
3
5
22
35
7
2
3
3
57
10
100
ID00277
C -- VR
0
0.4
0.8
1.2
1.6
2.0
2.4
ID00274
IF -- VF
0
25
50
75
100
125
150
175
ID00275
IR -- VR
10
5
7
2
3
3
5
5
7
7
2
100
1000
0.1
1.0
5
2
5
2
10
100
1000
5
5
2
2
0
20
40
60
80
100
120
ID00276
PF(AV) -- IO
0
20
40
60
80
100
120
(2)
(4)
(1)
f=1MHz
100C
50
C
75
C
Ta=125
C
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Average Output Current, IO -- mA
Reverse Voltage, VR -- V
(1)Rectangular wave
?=60
(2)Rectangular wave
?=120
(3)Rectangular wave
?=180
(4)Sine wave
?=180
180
360
?
360
Rectangular
wave
Sine wave
25
C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn