Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-LP-5002 Datasheet(Fiches technique) 1 Page - Bourns Electronic Solutions

Numéro de pièce SM-LP-5002
Description  Surface Mount Line Matching Transformers
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SM-LP-5002 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SM-LP-5002 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
7.36 mm seated height
Distortion of only 0.015 %
Vacuum encapsulated
Weight - 2 g
UL60950 approved
RoHS compliant*
Applications
Modems (V34 and V92)
Laptop Computers
Telecommunications
Instrumentation
SM-LP-5002 Series -Surface Mount Line Matching Transformers
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications
Nominal Impedance ..................... 600
Ω
Turns Ratio ........................................1:1
Insertion Loss ....... 2.0 dB max. at 2 kHz
Frequency Response
...................±0.25 dB max. 200-4 kHz
Return Loss ........24 dB min. 200-4 kHz*
Balance................................. 80 dB min.
Distortion ............................ -85 dB max.
@ 600 Hz, -10 dBm
Dielectric Strength
.........................2000 VRMS for 1 min.
Insulation Resistance
................................. 100 M
Ω @ 500 V
DC Resistance**
Primary.......................... 136
Ω ±12 %
Secondary..................... 136
Ω ±12 %
Shunt Inductance .................. 3.8 H min.
Shunt Loss ......................... 7500
Ω min.
Leakage Inductance
.............................6-7 mH typ. @ 1 kHz
Power Level............................... 10 dBm
Operating Temperature
................................. -20 °C to +85 °C
Storage Temperature
................................. -40 °C to +85 °C
How To Order
SM-LP-5002 __
Model
Packaging
Blank = Packaged in tubes
E = Tape and reel (400 pcs. per reel)
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Materials
Terminal Plating ............................. AgSn
*For use with recommended circuit
(BS6305 impedance Class A non-
speech or Class B speech).
**SM-LP-5002 is symetrical, meaning
there is no real primary nor secondary
winding.
Schematic
REV. 04/11
LEAD COPLANARITY:
0.15
MAX.
(.006)
UNLESS OTHERWISE
±0.25
MAX.
SPECIFIED, TOLERANCE: (.010)
12.5
(.492)
0.3
(.012)
2.54
(1.00)
1.0
(.039)
1.1
(.043)
MAX.
1
2
3
4
5
6
9.6
(.378)
Suggested PCB Layout
2.5
(.098)
2.54
(.100)
1.2
(.047)
7.36
(.290)
14.5
(.453)
0.6
± 0.5
(.023
± .020)
1.0 +0.25/-0.0
(.039 +.010/-0.0)
1
2
3
6
5
4
B
O
U
R
N
S
SM-LP-5
00
2
1125
C
US


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn