Moteur de recherche de fiches techniques de composants électroniques |
|
1N5242B Fiches technique(PDF) 1 Page - Vishay Siliconix |
|
1N5242B Fiches technique(HTML) 1 Page - Vishay Siliconix |
1 / 6 page 1N5221B to 1N5267B www.vishay.com Vishay Semiconductors Rev. 2.0, 06-May-13 1 Document Number: 85588 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Zener Diodes FEATURES • Silicon planar power Zener diodes • Standard Zener voltage tolerance is ± 5 % • These diodes are also available in MiniMELF case with the type designation TZM5221 to TZM5267, SOT-23 case with the type designations MMBZ5225 to MMBZ5267 and SOD-123 case with the types designations MMSZ5225 to MMSZ5267 • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Voltage stabilization PRIMARY CHARACTERISTICS PARAMETER VALUE UNIT VZ range nom. 2.4 to 75 V Test current IZT 1.7 to 20 mA VZ specification Thermal equilibrium Int. construction Single ORDERING INFORMATION DEVICE NAME ORDERING CODE TAPED UNITS PER REEL MINIMUM ORDER QUANTITY 1N5221B to 1N5267B 1N5221B to 1N5267B-series-TR 10 000 per 13" reel 30 000/box 1N5221B to 1N5267B 1N5221B to 1N5267B-series-TAP 10 000 per ammopack (52 mm tape) 30 000/box PACKAGE PACKAGE NAME WEIGHT MOLDING COMPOUND FLAMMABILITY RATING MOISTURE SENSITIVITY LEVEL SOLDERING CONDITIONS DO-35 125 mg UL 94 V-0 MSL level 1 (according J-STD-020) 260 °C/10 s at terminals ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Power dissipation TL 25 °C Ptot 500 mW Zener current IZ Ptot/VZ mA Thermal resistance junction to ambient air I = 4 mm, TL = constant RthJA 300 K/W Junction temperature Tj 175 °C Storage temperature range Tstg - 65 to + 175 °C Forward voltage (max.) IF = 200 mA VF 1.1 V |
Numéro de pièce similaire - 1N5242B |
|
Description similaire - 1N5242B |