Moteur de recherche de fiches techniques de composants électroniques |
|
SN7416J Fiches technique(PDF) 3 Page - Texas Instruments |
|
SN7416J Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 17 page SN5406, SN5416, SN7406, SN7416 HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS SDLS031A – DECEMBER 1983 – REVISED DECEMBER 2001 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions SN5406 SN5416 SN7406 SN7416 UNIT MIN NOM MAX MIN NOM MAX VCC Supply voltage 4.5 5 5.5 4.75 5 5.25 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VOH High level output voltage ’06 30 30 V VOH High-level output voltage ’16 15 15 V IOL Low-level output current 30 40 mA TA Operating free-air temperature –55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS† SN5406 SN5416 SN7406 SN7416 UNIT MIN TYP‡ MAX MIN TYP‡ MAX VIK VCC = MIN, II = –12 mA –1.5 –1.5 V IOH VCC = MIN, VIL = 0.8 V, VOH = § 0.25 0.25 mA VOL VCC = MIN VIH =2V IOL = 16 mA 0.4 0.4 V VOL VCC = MIN, VIH = 2 V IOL = ¶ 0.7 0.7 V II VCC = MAX, VI = 5.5 V 1 1 mA IIH VCC = MAX, VIH = 2.4 V 40 40 µA IIL VCC = MAX, VIL = 0.4 V –1.6 –1.6 mA ICCH VCC = MAX 30 48 30 48 mA ICCL VCC = MAX 32 51 32 51 mA † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. ‡ All typical values are at VCC = 5 V, TA = 25°C. § VOH = 30 V for ’06 and 15 V for ’16. ¶ IOL = 30 mA for SN54’ and 40 mA for SN74’. switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX UNIT tPLH A Y R110 Ω C15 pF 10 15 ns tPHL A Y RL = 110 Ω, CL = 15 pF 15 23 ns |
Numéro de pièce similaire - SN7416J |
|
Description similaire - SN7416J |