Moteur de recherche de fiches techniques de composants électroniques |
|
74LVCH8T245NSRG4 Fiches technique(PDF) 3 Page - Texas Instruments |
|
74LVCH8T245NSRG4 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 22 page www.ti.com Absolute Maximum Ratings (1) SN74LVCH8T245 8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES637A – AUGUST 2005 – REVISED FEBRUARY 2007 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCCA Supply voltage range –0.5 6.5 V VCCB I/O ports (A port) –0.5 6.5 VI Input voltage range(2) I/O ports (B port) –0.5 6.5 V Control inputs –0.5 6.5 A port –0.5 6.5 Voltage range applied to any output VO V in the high-impedance or power-off state(2) B port –0.5 6.5 A port –0.5 VCCA + 0.5 VO Voltage range applied to any output in the high or low state(2)(3) V B port –0.5 VCCB + 0.5 IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±50 mA Continuous current through each VCCA, VCCB, and GND ±100 mA DB package 70 DGV package 58 θ JA Package thermal impedance(4) °C/W PW package 88 RHL package 43 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. (3) The output positive-voltage rating may be exceeded up to 6.5 V maximum if the output current rating is observed. (4) The package thermal impedance is calculated in accordance with JESD 51-7. 3 Submit Documentation Feedback |
Numéro de pièce similaire - 74LVCH8T245NSRG4 |
|
Description similaire - 74LVCH8T245NSRG4 |