Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM72238TDE-3.0 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SM72238TDE-3.0
Description  SM72238TD-50
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SM72238TDE-3.0 Fiches technique(HTML) 1 Page - Texas Instruments

  SM72238TDE-3.0 Datasheet HTML 1Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 2Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 3Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 4Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 5Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 6Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 7Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 8Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SM72238
www.ti.com
SNVS694C – JANUARY 2011 – REVISED APRIL 2013
Micropower Voltage Regulator
Check for Samples: SM72238
1
FEATURES
DESCRIPTION
The SM72238 is a micropower voltage regulator with
2
Renewable Energy Grade
very low quiescent current (75µA typ.) and very low
High-Accuracy Output Voltage
dropout voltage (typ. 40mV at light loads and 380mV
Ensured 100mA Output Current
at 100mA). It is ideally suited for use in battery-
powered systems. Furthermore, the quiescent current
Extremely Low Quiescent Current
of the SM72238 increases only slightly in dropout,
Low Dropout Voltage
prolonging battery life.
Extremely Tight Load and Line Regulation
The SM72238 is available in the surface-mount D-
Very Low Temperature Coefficient
Pak package.
Use as Regulator or Reference
Careful design of the SM72238 has minimized all
Needs Minimum Capacitance for Stability
contributions to the error budget. This includes a tight
Current and Thermal Limiting
initial tolerance (.5% typ.), extremely good load and
line regulation (.05% typ.) and a very low output
Stable With Low-ESR Output Capacitors
voltage temperature coefficient, making the part
(10m
Ω to 6Ω)
useful as a low-power voltage reference.
Block Diagram and Typical Applications
Figure 1. SM72238
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - SM72238TDE-3.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
SM72238TDE-3.0 NSC-SM72238TDE-3.0 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TDE-3.0/NOPB TI1-SM72238TDE-3.0/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
More results

Description similaire - SM72238TDE-3.0

FabricantNo de pièceFiches techniqueDescription
logo
TRACO Electronic AG
TEN50 TRACOPOWER-TEN50 Datasheet
907Kb / 5P
   TEN 50 Series, 50 Watt
Rev. November 30, 2022
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
   Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Analog Devices
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
logo
Pulse A Technitrol Comp...
CX2039LNL PULSE-CX2039LNL Datasheet
180Kb / 2P
   XFMR, RF SGL RAC 50:50
logo
Astec America, Inc
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
logo
PHOENIX CONTACT
3009118 PHOENIX-3009118 Datasheet
149Kb / 7P
   UKH 50
logo
Astec America, Inc
AK60A ASTEC-AK60A Datasheet
944Kb / 2P
   50 Watts
logo
Rosenberger Hochfrequen...
51S156-S00N5 ROSENBERGER-51S156-S00N5 Datasheet
43Kb / 2P
   ADAPTOR bnc 50 PLUG ??TNc 50 PLUG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com