Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F002T-70PIB Fiches technique(PDF) 6 Page - Advanced Micro Devices |
|
AM29F002T-70PIB Fiches technique(HTML) 6 Page - Advanced Micro Devices |
6 / 37 page 6 Am29F002/Am29F002N PREL I M I N AR Y ORDERING INFORMATION Standard Product AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am29F002/Am29F002N 2 Megabit (256 K x 8-Bit) CMOS Flash Memory 5.0 Volt-only Program and Erase Am29F002 -70 P C OPTIONAL PROCESSING Blank = Standard Processing B = Burn-In Contact an AMD representative for more information. TEMPERATURE RANGE C = Commercial (0 °C to +70°C) I = Industrial (-40 °C to +85°C) E= Extended (–55 °C to +125°C) PACKAGE TYPE P = 32-Pin Plastic DIP (PD 032) J = 32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032) E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector B T Valid Combinations Am29F002T-55 Am29F002B-55 Am29F002NT-55 Am29F002NB-55 PC, JC, JI, EC, EI Am29F002T-70 Am29F002B-70 Am29F002NT-70 Am29F002NB-70 PC, PI, JC, JI, EC, EI Am29F002T-90 Am29F002B-90 Am29F002NT-90 Am29F002NB-90 PC, PI, PE, JC, JI, JE, EC, EI, EE Am29F002T-120 Am29F002B-120 Am29F002NT-120 Am29F002NB-120 |
Numéro de pièce similaire - AM29F002T-70PIB |
|
Description similaire - AM29F002T-70PIB |