Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL712 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL712
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL712 Fiches technique(HTML) 3 Page - Texas Instruments

  TL712 Datasheet HTML 1Page - Texas Instruments TL712 Datasheet HTML 2Page - Texas Instruments TL712 Datasheet HTML 3Page - Texas Instruments TL712 Datasheet HTML 4Page - Texas Instruments TL712 Datasheet HTML 5Page - Texas Instruments TL712 Datasheet HTML 6Page - Texas Instruments TL712 Datasheet HTML 7Page - Texas Instruments TL712 Datasheet HTML 8Page - Texas Instruments TL712 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25°C and VS = +2.7V to +5.5V, unless otherwise noted.
TLV3501, TLV3502
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage(1)
VOS
VCM = 0V, IO = 0mA
±1
±6.5
mV
vs Temperature
dVOS/dT
TA = −40°C to +125°C
±5
µV/°C
vs Power Supply
PSRR
VS = 2.7V to 5.5V
100
400
µV/V
Input Hysteresis
6
mV
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = VCC/2
±2
±10
pA
Input Offset Current(2)
IOS
VCM = VCC/2
±2
±10
pA
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V−) − 0.2V
(V+) + 0.2V
V
Common-Mode Rejection
CMRR
VCM = −0.2V to (V+) + 0.2V
57
70
dB
VCM = −0.2V to (V+) + 0.2V
55
dB
INPUT IMPEDANCE
Common-Mode
1013
 2
Ω  pF
Differential
1013
 4
Ω  pF
SWITCHING CHARACTERISTICS
Propagation Delay Time(3)
T(pd)
∆VIN = 100mV, Overdrive = 20mV
4.5
6.4
ns
∆VIN = 100mV, Overdrive = 20mV
7
ns
∆VIN = 100mV, Overdrive = 5mV
7.5
10
ns
∆VIN = 100mV, Overdrive = 5mV
12
ns
Propagation Delay Skew(4)
∆t(SKEW)
∆VIN = 100mV, Overdrive = 20mV
0.5
ns
Maximum Toggle Frequency
fMAX
Overdrive = 50mV, VS = 5V
80
MHz
Rise Time(5)
tR
1.5
ns
Fall Time(5)
tF
1.5
ns
OUTPUT
Voltage Output from Rail
VOH,VOL
IOUT = ±1mA
30
50
mV
SHUTDOWN
tOFF
30
ns
tON
100
ns
VL (comparator is enabled)(6)
(V+) − 1.7V
V
VH (comparator is disabled)(6)
(V+) − 0.9V
V
Input Bias Current of Shutdown Pin
2
pA
IQSD (quiescent current in shutdown)
2
µA
POWER SUPPLY
Specified Voltage
VS
+2.7
+5.5
V
Operating Voltage Range
2.2 to 5.5
V
Quiescent Current
IQ
VS = 5V, VO = High
3.2
5
mA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−40
+125
°C
Storage Range
−65
+150
°C
Thermal Resistance
qJA
SOT23-5
200
°C/W
SOT23-8
200
°C/W
SO-8
150
°C/W
(1) VOS is defined as the average of the positive and the negative switching thresholds.
(2) The difference between IB+ and IB−.
(3) Propagation delay cannot be accurately measured with low overdrive on automatic test equipment. This parameter is ensured by
characterization and testing at 100mV overdrive.
(4) The difference between the propagation delay going high and the propagation delay going low.
(5) Measured between 10% of VS and 90% of VS.
(6) When the shutdown pin is within 0.9V of the most positive supply, the part is disabled. When it is more than 1.7V below the most positive supply,
the part is enabled.


Numéro de pièce similaire - TL712

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL712 TI-TL712 Datasheet
82Kb / 5P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
263Kb / 11P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
927Kb / 16P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712CD TI-TL712CD Datasheet
263Kb / 11P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
More results

Description similaire - TL712

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com