Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV800BT80FIB Fiches technique(PDF) 7 Page - Advanced Micro Devices |
|
AM29LV800BT80FIB Fiches technique(HTML) 7 Page - Advanced Micro Devices |
7 / 42 page Am29LV800B 7 P R E L I M I NARY ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am29LV800B 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase C E 70R Am29LV800B T OPTIONAL PROCESSING Blank = Standard Processing B = Burn-in (Contact an AMD representative for more information) TEMPERATURE RANGE C= Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) WB = 48-ball Fine Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 6 x 9 mm package SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector Valid Combinations Am29LV800BT70R, Am29LV800BB70R EC, EI, FC, FI, SC, SI, WBC Am29LV800BT80, Am29LV800BB80 EC, EI, EE, FC, FI, FE, SC, SI, SE, WBC, WBI, WBE Am29LV800BT90, Am29LV800BB90 Am29LV800BT120, Am29LV800BB120 |
Numéro de pièce similaire - AM29LV800BT80FIB |
|
Description similaire - AM29LV800BT80FIB |