Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TZY2PA001B00 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No de pièce TZY2PA001B00
Description  Ceramic Trimmer Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2PA001B00 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  TZY2PA001B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o Part Numbering
(Part Number)
qProduct ID
TZ
Trimmer Capacitors
Product ID
rMaximum Capacitance
Expressed by three-digit alphanumerics. The unit is pico-farad
(pF). The first and second figures are significant digits, and the
third figure expresses the number of zeros that follow the two
numbers. If there is a decimal point, it is expressed by the capital
letter "R". In this case, all figures are significant digits.
Ceramic Trimmer Capacitors
tTerminal Shape
Code
Terminal Shape
A
B
E
F
N
Top Adjustment:
Top Adjustment:
Rear Adjustment:
Top Adjustment:
Rear Adjustment:
TZR1, TZS2, TZY2, TZV2,
TZC3, TZW4, TZB4 (SMD Type)
TZB4 (SMD Type)
TZB4 (SMD Type)
TZ03 (Lead Type)
TZ03 (Lead Type)
uPackaging
Code
B00
R00
R01*
Bulk
Reel (Taping ø180mm)
Reel (Taping ø330mm)
Packaging
wSeries/Terminal
Code
03
B4
W4
C3
S2
Y2
V2
R1
6mm Size Lead Type
4mm Size SMD Type
4mm Size SMD Type
3mm Size SMD Type
2mm Size SMD Type (Height 1.0mm)
2mm Size SMD Type (Height 1.25mm)
2mm Size SMD Type (Height 1.45mm)
1mm Size SMD Type (Height 0.90mm)
Series/Terminal
eTemperature Characteristics
Code
Z
R
K
P
NP0ppm/°C
N750ppm/°C
N1000ppm/°C
N1200ppm/°C
Temperature Characteristics
Please refer to dimensions for terminal details.
* TZB4 only.
yIndividual Specifications
Code
001
110
169
A10
B10
TZR1, TZS2, TZY2, TZW4 Standard Type
TZV2, TZC3 Standard Type
TZ03 Standard Type
TZB4 No-cover Film Standard Type
TZB4 with Cover Film Standard Type
Individual Specifications
Please refer to ratings for tolerance of temperature characteristics.
t
A
y
001
q
TZ
u
R00
r
200
e
R
w
Y2


Numéro de pièce similaire - TZY2PA001B00

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
TZY2P200A001A00 MURATA-TZY2P200A001A00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZY2P200B001A00 MURATA-TZY2P200B001A00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZY2P200C001A00 MURATA-TZY2P200C001A00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
More results

Description similaire - TZY2PA001B00

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com