Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HC153DTG4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
SN74HC153DTG4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 21 page SN54HC153, SN74HC153 DUAL 4LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS SCLS112D − DECEMBER 1982 − REVISED OCTOBER 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 150 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HC153 SN74HC153 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 105 235 355 295 A or B Y 4.5 V 27 47 71 59 A or B Y 6 V 21 41 60 51 Data 2 V 93 220 335 274 tpd Data (Any C) Y 4.5 V 23 44 67 55 ns tpd (Any C) Y 6 V 19 38 57 48 ns 2 V 60 185 280 230 G Y 4.5 V 17 37 56 46 G Y 6 V 14 32 48 40 2 V 45 210 315 265 tt Y 4.5 V 17 42 63 53 ns tt Y 6 V 13 36 53 45 ns operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per multiplexer No load 40 pF PARAMETER MEASUREMENT INFORMATION VOLTAGE WAVEFORM INPUT RISE AND FALL TIMES 50% 50% 10% 10% 90% 90% VCC 0 V tr tf Input VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT TRANSITION TIMES 50% 50% 50% 10% 10% 90% 90% VCC VOH VOL 0 V tr tf Input In-Phase Output 50% tPLH tPHL 50% 50% 10% 10% 90% 90% VOH VOL tr tf tPHL tPLH Out-of-Phase Output Test Point From Output Under Test CL (see Note A) LOAD CIRCUIT NOTES: A. CL includes probe and test-fixture capacitance. B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. C. The outputs are measured one at a time with one input transition per measurement. D. tPLH and tPHL are the same as tpd. Figure 1. Load Circuit and Voltage Waveforms |
Numéro de pièce similaire - SN74HC153DTG4 |
|
Description similaire - SN74HC153DTG4 |