Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS273DWG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74ALS273DWG4
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS273DWG4 Fiches technique(HTML) 1 Page - Texas Instruments

  SN74ALS273DWG4 Datasheet HTML 1Page - Texas Instruments SN74ALS273DWG4 Datasheet HTML 2Page - Texas Instruments SN74ALS273DWG4 Datasheet HTML 3Page - Texas Instruments SN74ALS273DWG4 Datasheet HTML 4Page - Texas Instruments SN74ALS273DWG4 Datasheet HTML 5Page - Texas Instruments SN74ALS273DWG4 Datasheet HTML 6Page - Texas Instruments SN74ALS273DWG4 Datasheet HTML 7Page - Texas Instruments SN74ALS273DWG4 Datasheet HTML 8Page - Texas Instruments SN74ALS273DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54ALS273, SN74ALS273
OCTAL D-TYPE FLIP-FLOPS
WITH CLEAR
SDAS218A – APRIL 1982 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Contain Eight Flip-Flops With Single-Rail
Outputs
Buffered Clock and Direct-Clear Inputs
Individual Data Input to Each Flip-Flop
Applications Include:
Buffer/Storage Registers
Shift Registers
Pattern Generators
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs
description
These octal positive-edge-triggered flip-flops
utilize TTL circuitry to implement D-type flip-flop
logic with a direct-clear (CLR) input.
Information at the data (D) inputs meeting the
setup-time requirements is transferred to the
Q outputs on the positive-going edge of the clock
(CLK) pulse. Clock triggering occurs at a particular
voltage level and is not directly related to the
transition time of the positive-going pulse. When
CLK is at either the high or low level, the D input
signal has no effect at the output.
The SN54ALS273 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ALS273 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
CLR
CLK
D
OUTPUT
Q
L
X
X
L
H
HH
H
LL
H
H or L
X
Q0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLR
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CLK
SN54ALS273 ...J PACKAGE
SN74ALS273 . . . DW OR N PACKAGE
(TOP VIEW)
3
2120 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
8D
7D
7Q
6Q
6D
2D
2Q
3Q
3D
4D
SN54ALS273 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - SN74ALS273DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS273DW TI-SN74ALS273DW Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273DW TI1-SN74ALS273DW Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
REVISED DECEMBER 1994
SN74ALS273DWR TI1-SN74ALS273DWR Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
REVISED DECEMBER 1994
More results

Description similaire - SN74ALS273DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com