Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS137ADRG4 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74ALS137ADRG4
Description  3-LINE TO 8-LINE DECODERS/DEMILTIPLEXERS WITH ADDRESS LATCHES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS137ADRG4 Fiches technique(HTML) 5 Page - Texas Instruments

  SN74ALS137ADRG4 Datasheet HTML 1Page - Texas Instruments SN74ALS137ADRG4 Datasheet HTML 2Page - Texas Instruments SN74ALS137ADRG4 Datasheet HTML 3Page - Texas Instruments SN74ALS137ADRG4 Datasheet HTML 4Page - Texas Instruments SN74ALS137ADRG4 Datasheet HTML 5Page - Texas Instruments SN74ALS137ADRG4 Datasheet HTML 6Page - Texas Instruments SN74ALS137ADRG4 Datasheet HTML 7Page - Texas Instruments SN74ALS137ADRG4 Datasheet HTML 8Page - Texas Instruments SN74ALS137ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN54ALS137A, SN74ALS137A, SN74AS137
3LINE TO 8LINE DECODERS/DEMULTIPLEXERS
WITH ADDRESS LATCHES
SDAS203C − APRIL 1982 − REVISED JANUARY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74AS137
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = − 2 mA
VCC −2
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
−1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−30
−112
mA
ICC
VCC = 5.5 V
15
24
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN74AS137
UNIT
MIN
MAX
tPLH
A, B, C
Y
2
12.5
ns
tPHL
A, B, C
Y
2
12.5
ns
tPLH
G2
Y
2
8
ns
tPHL
G2
Y
2
8.5
ns
tPLH
G1
Y
2
10
ns
tPHL
G1
Y
2
9
ns
tPLH
LE
Y
3
13.5
ns
tPHL
LE
Y
3
14
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Numéro de pièce similaire - SN74ALS137ADRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS137ADR TI-SN74ALS137ADR Datasheet
518Kb / 15P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN74ALS137ADRE4 TI-SN74ALS137ADRE4 Datasheet
518Kb / 15P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
More results

Description similaire - SN74ALS137ADRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALS137A TI-SN54ALS137A Datasheet
518Kb / 15P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN74HC237N TI-SN74HC237N Datasheet
129Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
logo
Motorola, Inc
SN54LS137 MOTOROLA-SN54LS137 Datasheet
176Kb / 5P
   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
logo
Texas Instruments
SN74HC237D TI-SN74HC237D Datasheet
129Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN54LS137 TI-SN54LS137_07 Datasheet
518Kb / 15P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN54HC237 TI-SN54HC237 Datasheet
116Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN54LS137 TI-SN54LS137 Datasheet
155Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN54HC4514 TI-SN54HC4514 Datasheet
118Kb / 6P
[Old version datasheet]   4 LINE TO 16 LINE DECODERS / DEMULTIPLEXERS WITH ADDRESS LATCHES
logo
National Semiconductor ...
MM54HC237 NSC-MM54HC237 Datasheet
151Kb / 6P
   3-to-8 Line Decoder With Address Latches
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com