Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M274001-55XC6 Datasheet(Fiches technique) 5 Page - STMicroelectronics

Numéro de pièce M274001-55XC6
Description  4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M274001-55XC6 Datasheet(HTML) 5 Page - STMicroelectronics

  M274001-55XC6 Datenblatt HTML 1Page - STMicroelectronics M274001-55XC6 Datenblatt HTML 2Page - STMicroelectronics M274001-55XC6 Datenblatt HTML 3Page - STMicroelectronics M274001-55XC6 Datenblatt HTML 4Page - STMicroelectronics M274001-55XC6 Datasheet HTML 5Page - STMicroelectronics M274001-55XC6 Datenblatt HTML 6Page - STMicroelectronics M274001-55XC6 Datenblatt HTML 7Page - STMicroelectronics M274001-55XC6 Datenblatt HTML 8Page - STMicroelectronics M274001-55XC6 Datenblatt HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
M27C4001
Summary description
5/25
1
Summary description
The M27C4001 is a 4 Mbit EPROM offered in the two ranges UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited for microprocessor systems requiring
large programs and is organised as 524,288 by 8 bits.
The FDIP32W (window ceramic frit-seal package) has a transparent lid which allows the
user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be
written to the device by following the programming procedure.
For applications where the content is programmed only one time and erasure is not
required, the M27C4001 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages.
In order to meet environmental requirements, ST offers the M27C4001 in ECOPACK®
packages.
ECOPACK packages are Lead-free. The category of second Level Interconnect is marked
on the package and on the inner box label, in compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic Diagram
Table 1.
Signal names
A0-A18
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
G
Output Enable
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
AI00721B
19
A0-A18
Q0-Q7
VPP
VCC
M27C4001
VSS
8
G
E
Obsolete
Product(s)
- Obsolete
Product(s)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24