Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF12NK65Z Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STF12NK65Z
Description  N-channel 650 V, 0.57 ohm, 10 A, TO-220FP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12NK65Z Fiches technique(HTML) 1 Page - STMicroelectronics

  STF12NK65Z Datasheet HTML 1Page - STMicroelectronics STF12NK65Z Datasheet HTML 2Page - STMicroelectronics STF12NK65Z Datasheet HTML 3Page - STMicroelectronics STF12NK65Z Datasheet HTML 4Page - STMicroelectronics STF12NK65Z Datasheet HTML 5Page - STMicroelectronics STF12NK65Z Datasheet HTML 6Page - STMicroelectronics STF12NK65Z Datasheet HTML 7Page - STMicroelectronics STF12NK65Z Datasheet HTML 8Page - STMicroelectronics STF12NK65Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2010
Doc ID 18060 Rev 1
1/12
12
STF12NK65Z
N-channel 650 V, 0.57
Ω, 10 A, TO-220FP
Zener-protected SuperMESH™ Power MOSFET
Features
Extremely high dv/dt capability
100% avalanche tested
Gate charge minimized
Very low intrinsic capacitance
Very good manufacturing repeatability
Application
Switching applications
Description
This N-channel SuperMESH™ Power MOSFET is
obtained through an extreme optimization of ST’s
well established strip-based PowerMESH™
layout. In addition to pushing on-resistance
significantly down, special care is taken to ensure
a very good dv/dt capability for the most
demanding applications. Such series
complements ST full range of high voltage Power
MOSFETs including revolutionary MDmesh™
products.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on)
max.
ID
PW
STF12NK65Z
650 V
< 0.7
Ω
10 A
35 W
TO-220FP
1
2
3
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order code
Marking
Package
Packaging
STF12NK65Z
12NK65Z
TO-220FP
Tube
www.st.com


Numéro de pièce similaire - STF12NK65Z

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STF12NK60Z STMICROELECTRONICS-STF12NK60Z Datasheet
493Kb / 12P
   N-CHANNEL 600V - 0.53 Ohm - 10A TO-220 / TO-220FP Zener-Protected SuperMESH?줞OSFET
STF12NK60Z STMICROELECTRONICS-STF12NK60Z Datasheet
841Kb / 15P
   N-channel 650 V @Tjmax, 0.53 廓, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
More results

Description similaire - STF12NK65Z

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP5NK65ZFP STMICROELECTRONICS-STP5NK65ZFP Datasheet
621Kb / 12P
   N-channel 650 V, 1.5 ohm, 4.5 A TO-220FP
STP9NK65Z STMICROELECTRONICS-STP9NK65Z_07 Datasheet
351Kb / 15P
   N-channel 650 V - 1 - 6.4 A TO-220 / TO-220FP
STF12N65M5 STMICROELECTRONICS-STF12N65M5 Datasheet
1Mb / 23P
   N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
CD00251512 STMICROELECTRONICS-CD00251512 Datasheet
930Kb / 16P
   N-channel 525 V, 0.95 ohm, 6 A, DPAK, TO-220FP, TO-220
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF6N65K3 STMICROELECTRONICS-STF6N65K3 Datasheet
906Kb / 16P
   N-channel 650 V, 1.1 ohm typ., 5.4 A SuperMESH3 Power MOSFET in TO-220FP, I PAKFP, IPAK
STF10NM60ND STMICROELECTRONICS-STF10NM60ND Datasheet
1Mb / 19P
   N-channel 600 V, 0.57, 8 A, DPAK, TO-220FP, TO-220 FDmesh II Power MOSFET (with fast diode)
November 2011 Rev 2
STP12NK60Z STMICROELECTRONICS-STP12NK60Z_09 Datasheet
841Kb / 15P
   N-channel 650 V @Tjmax, 0.53 廓, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
   N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
STD10NM60N STMICROELECTRONICS-STD10NM60N Datasheet
907Kb / 17P
   N-channel 600 V, 0.53 ohm, 10 A, DPAK, TO-220, TO-220FP, IPAK MDmesh II Power MOSFET
November 2010 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com